Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3045
Description  20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3045 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3045 Datasheet HTML 17Page - Linear Technology LT3045 Datasheet HTML 18Page - Linear Technology LT3045 Datasheet HTML 19Page - Linear Technology LT3045 Datasheet HTML 20Page - Linear Technology LT3045 Datasheet HTML 21Page - Linear Technology LT3045 Datasheet HTML 22Page - Linear Technology LT3045 Datasheet HTML 23Page - Linear Technology LT3045 Datasheet HTML 24Page - Linear Technology LT3045 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LT3045
21
3045fa
For more information www.linear.com/LT3045
applicaTions inForMaTion
If OUTS is externally held above SET, the current sink
turns ON in an attempt to restore OUTS to its programmed
voltage. The current sink remains ON until the external
circuitry releases OUTS.
Direct Paralleling for Higher Current
Higher output current is obtained by paralleling multiple
LT3045s. Tie all SET pins together and all IN pins together.
Connect the OUT pins together using small pieces of PCB
trace (used as a ballast resistor) to equalize currents in
the LT3045s. PCB trace resistance in milliohms/inch is
shown in Table 2.
Table 2. PC Board Trace Resistance
WEIGHT (oz)
10mil WIDTH
20mil WIDTH
1
54.3
27.1
2
27.1
13.6
Trace resistance is measured in mΩ/in.
The small worst-case offset of 2mV for each paralleled
LT3045 minimizes the required ballast resistor value.
Figure 7 illustrates that two LT3045s, each using a 20mΩ
PCBtraceballastresistor,providebetterthan20%accurate
output current sharing at full load. The two 20mΩ external
resistors only add 10mV of output regulation drop with a
1A maximum current. With a 3.3V output, this only adds
0.3% to the regulation accuracy. As has been discussed
previously,tietheOUTSpindirectlytotheoutputcapacitor.
More than two LT3045s can also be paralleled for even
higher output current and lower output noise. Paralleling
multiple LT3045s is also useful for distributing heat on the
PCB. For applications with high input-to-output voltage
differential, an input series resistor or resistor in parallel
with the LT3045 can also be used to spread heat.
PCB Layout Considerations
Given the LT3045’s high bandwidth and ultrahigh PSRR,
carefulPCBlayoutmustbeemployedtoachievefulldevice
performance. Figure 8 shows a recommended layout that
delivers full performance of the regulator. Refer to the
LT3045’sDC2491Ademoboardmanualforfurtherdetails.
Figure 8. Recommended DFN Layout
100µA
IN
EN/UV
PGFB
GND
OUT
LT3045
ILIM
PG
10µF
20m
VOUT
3.3V
IOUT(MAX)
1A
3045 F07
16.5k
SET
OUTS
100µA
IN
EN/UV
PGFB
GND
OUT
LT3045
ILIM
PG
10µF
20m
10µF
VIN
5V ±5%
SET
OUTS
0.47µF
Figure 7. Parallel Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com