Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 24 Page - Linear Technology

Part # LT3045
Description  20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3045 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT3045 Datasheet HTML 20Page - Linear Technology LT3045 Datasheet HTML 21Page - Linear Technology LT3045 Datasheet HTML 22Page - Linear Technology LT3045 Datasheet HTML 23Page - Linear Technology LT3045 Datasheet HTML 24Page - Linear Technology LT3045 Datasheet HTML 25Page - Linear Technology LT3045 Datasheet HTML 26Page - Linear Technology LT3045 Datasheet HTML 27Page - Linear Technology LT3045 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
LT3045
24
3045fa
For more information www.linear.com/LT3045
Typical applicaTions
12VIN to 3.3VOUT with 0.8µVRMS Integrated Noise
100µA
IN
EN/UV
PG
GND
OUT
LT3045
ILIM
PGFB
453k
10µF
4.7µF
VIN
12V ±5%
200k
4.7µF
VOUT
3.3V
IOUT
200mA
49.9k
3045 TA02
33.2k
SET
OUTS
750
Low Noise CC/CV Lab Power Supply
Ultralow Noise Current Source for RF Biasing Applications
10µF
3045 TA04
4.7µF
OUTPUT CURRENT NOISE = 0.8µVRMS/ROUT
INCREASE R1 (AND RSET) TO REDUCE CURRENT NOISE
4.7µF
RSET
2k
RLOAD
VIN
1.8V to 20V
OUT
IN
SET
LT3045
VOUT(MAX): 15V
IOUT: 200mA
100µA
OUTS
PG
ILIM
GND
PGFB
EN/UV
ROUT = R1 + RLOAD
R1
1
10µF
0.47µF
4.7µF
RSET
RIOUT
VIN
OUT
IN
SET
LT3045
VOUT
100µA
OUTS
PGFB
ILIM
GND
PG
EN/UV
3045 TA03
VOUT(MAX) = 100μA • RSET
IOUT(MAX) =
150mA • kΩ
RIOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com