Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3045
Description  20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3045 Datasheet(HTML) 3 Page - Linear Technology

  LT3045 Datasheet HTML 1Page - Linear Technology LT3045 Datasheet HTML 2Page - Linear Technology LT3045 Datasheet HTML 3Page - Linear Technology LT3045 Datasheet HTML 4Page - Linear Technology LT3045 Datasheet HTML 5Page - Linear Technology LT3045 Datasheet HTML 6Page - Linear Technology LT3045 Datasheet HTML 7Page - Linear Technology LT3045 Datasheet HTML 8Page - Linear Technology LT3045 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LT3045
3
3045fa
For more information www.linear.com/LT3045
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
l
2
20
V
Minimum IN Pin Voltage
(Note 2)
ILOAD = 500mA, VIN UVLO Rising
VIN UVLO Hysteresis
l
1.78
75
2
V
mV
Output Voltage Range
VIN > VOUT
l
0
15
V
SET Pin Current (ISET)
VIN = 2V, ILOAD = 1mA, VOUT = 1.3V
2V < VIN < 20V, 0V < VOUT < 15V, 1mA < ILOAD < 500mA (Note 3)
l
99
98
100
100
101
102
µA
µA
Fast Start-Up Set Pin
Current
VPGFB = 289mV, VIN = 2.8V, VSET = 1.3V
2
mA
Output Offset Voltage
VOS (VOUT – VSET)
(Note 4)
VIN = 2V, ILOAD = 1mA, VOUT = 1.3V
2V < VIN < 20V, 0V < VOUT < 15V, 1mA < ILOAD < 500mA (Note 3)
l
–1
–2
1
2
mV
mV
Line Regulation: ∆ISET
Line Regulation: ∆VOS
VIN = 2V to 20V, ILOAD = 1mA, VOUT = 1.3V
VIN = 2V to 20V, ILOAD = 1mA, VOUT = 1.3V (Note 4)
l
l
0.5
0.5
±2
±3
nA/V
µV/V
Load Regulation: ∆ISET
Load Regulation: ∆VOS
ILOAD = 1mA to 500mA, VIN = 2V, VOUT = 1.3V
ILOAD = 1mA to 500mA, VIN = 2V, VOUT = 1.3V (Note 4)
l
3
0.1
0.5
nA
mV
Change in ISET with VSET
Change in VOS with VSET
Change in ISET with VSET
Change in VOS with VSET
VSET = 1.3V to 15V, VIN = 20V, ILOAD = 1mA
VSET = 1.3V to 15V, VIN = 20V, ILOAD = 1mA (Note 4)
VSET = 0V to 1.3V, VIN = 20V, ILOAD = 1mA
VSET = 0V to 1.3V, VIN = 20V, ILOAD = 1mA (Note 4)
l
l
l
l
30
0.03
150
0.3
400
0.6
600
2
nA
mV
nA
mV
Dropout Voltage
ILOAD = 1mA, 50mA
l
220
275
330
mV
mV
ILOAD = 300mA (Note 5)
l
220
280
350
mV
mV
ILOAD = 500mA (Note 5)
l
260
350
450
mV
mV
GND Pin Current
VIN = VOUT(NOMINAL)
(Note 6)
ILOAD = 10µA
ILOAD = 1mA
ILOAD = 50mA
ILOAD = 100mA
ILOAD = 500mA
l
l
l
l
2.2
2.4
3.5
4.3
15
4
5.5
7
25
mA
mA
mA
mA
mA
Output Noise Spectral
Density (Notes 4, 8)
ILOAD = 500mA, Frequency = 10Hz, COUT = 10µF, CSET = 0.47µF, VOUT = 3.3V
ILOAD = 500mA, Frequency = 10Hz, COUT = 10µF, CSET = 4.7µF, 1.3V ≤ VOUT ≤ 15V
ILOAD = 500mA, Frequency = 10kHz, COUT = 10µF, CSET = 0.47µF, 1.3V ≤ VOUT ≤ 15V
ILOAD = 500mA, Frequency = 10kHz, COUT = 10µF, CSET = 0.47µF, 0V ≤ VOUT < 1.3V
500
70
2
5
nV/√Hz
nV/√Hz
nV/√Hz
nV/√Hz
Output RMS Noise
(Notes 4, 8)
ILOAD = 500mA, BW = 10Hz to 100kHz, COUT = 10µF, CSET = 0.47µF, VOUT = 3.3V
ILOAD = 500mA, BW = 10Hz to 100kHz, COUT = 10µF, CSET = 4.7µF, 1.3V ≤ VOUT ≤ 15V
ILOAD = 500mA, BW = 10Hz to 100kHz, COUT = 10µF, CSET = 4.7µF, 0V ≤ VOUT < 1.3V
2.5
0.8
1.8
µVRMS
µVRMS
µVRMS
Reference Current RMS
Output Noise (Notes 4, 8)
BW = 10Hz to 100kHz
6
nARMS
Ripple Rejection
1.3V ≤ VOUT ≤ 15V
VIN – VOUT = 2V (Avg)
(Notes 4, 8)
VRIPPLE = 500mVP-P, fRIPPLE = 120Hz, ILOAD = 500mA, COUT = 10µF, CSET = 4.7µF
VRIPPLE = 150mVP-P, fRIPPLE = 10kHz, ILOAD = 500mA, COUT = 10µF, CSET = 0.47µF
VRIPPLE = 150mVP-P, fRIPPLE = 100kHz, ILOAD = 500mA, COUT = 10µF, CSET = 0.47µF
VRIPPLE = 150mVP-P, fRIPPLE = 1MHz, ILOAD = 500mA, COUT = 10µF, CSET = 0.47µF
VRIPPLE = 80mVP-P, fRIPPLE = 10MHz, ILOAD = 500mA, COUT = 10µF, CSET = 0.47µF
117
90
77
76
53
dB
dB
dB
dB
dB
Ripple Rejection
0V ≤ VOUT < 1.3V
VIN – VOUT = 2V (Avg)
(Notes 4, 8)
VRIPPLE = 500mVP-P, fRIPPLE = 120Hz, ILOAD = 500mA, COUT = 10µF, CSET = 0.47µF
VRIPPLE = 50mVP-P, fRIPPLE = 10kHz, ILOAD = 500mA, COUT = 10µF, CSET = 0.47µF
VRIPPLE = 50mVP-P, fRIPPLE = 100kHz, ILOAD = 500mA, COUT = 10µF, CSET = 0.47µF
VRIPPLE = 50mVP-P, fRIPPLE = 1MHz, ILOAD = 500mA, COUT = 10µF, CSET = 0.47µF
VRIPPLE = 50mVP-P, fRIPPLE = 10MHz, ILOAD = 500mA, COUT = 10µF, CSET = 0.47µF
104
85
72
64
54
dB
dB
dB
dB
dB
EN/UV Pin Threshold
EN/UV Trip Point Rising (Turn-On), VIN = 2V
l
1.18
1.24
1.32
V
EN/UV Pin Hysteresis
EN/UV Trip Point Hysteresis, VIN = 2V
130
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com