Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 14 Page - Linear Technology

Part # LT3045
Description  20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3045 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT3045 Datasheet HTML 10Page - Linear Technology LT3045 Datasheet HTML 11Page - Linear Technology LT3045 Datasheet HTML 12Page - Linear Technology LT3045 Datasheet HTML 13Page - Linear Technology LT3045 Datasheet HTML 14Page - Linear Technology LT3045 Datasheet HTML 15Page - Linear Technology LT3045 Datasheet HTML 16Page - Linear Technology LT3045 Datasheet HTML 17Page - Linear Technology LT3045 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
LT3045
14
3045fa
For more information www.linear.com/LT3045
block DiagraM
V
+
–
OUTPUT OVERSHOOT
RECOVERY
ERROR
AMPLIFIER
INTERNAL CURRENT
LIMIT
PROGRAMMABLE
CURRENT LIMIT
QC
QP
OUT
COUT
CIN
VIN
RL
VOUT
1.5V
100µA
2mA
V
+
–
300mV
215
QPWR
DRIVER
+
–
V
+
–
300mV
ILIM
RILIM
IN
THERMAL
SHDN
CURRENT
REFERENCE
FAST START-UP
INPUT
UVLO
SET-TO-OUTS
PROTECTION
CLAMP
INPUT UVLO
CURRENT LIMIT
THERMAL SHDN
DROPOUT
RSET
RPG
RPG2
RPG1
CSET
+
–
FAST START-UP
DISABLE LOGIC
OUTS
3045 BD
SET
PG
PGFB
EN/UV
GND
V
+
–
300mV
V
+
–
1.24V
PROGRAMMABLE
POWER GOOD
+
–
ENABLE
COMPARATOR
BIAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com