Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3045
Description  20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3045 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3045 Datasheet HTML 9Page - Linear Technology LT3045 Datasheet HTML 10Page - Linear Technology LT3045 Datasheet HTML 11Page - Linear Technology LT3045 Datasheet HTML 12Page - Linear Technology LT3045 Datasheet HTML 13Page - Linear Technology LT3045 Datasheet HTML 14Page - Linear Technology LT3045 Datasheet HTML 15Page - Linear Technology LT3045 Datasheet HTML 16Page - Linear Technology LT3045 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LT3045
13
3045fa
For more information www.linear.com/LT3045
pin FuncTions
OUTS (Pin 9/Pin 10): Output Sense. This pin is the non-
inverting input to the error amplifier. For optimal transient
performance and load regulation, Kelvin connect OUTS
directly to the output capacitor and the load. Also, tie the
GND connections of the output capacitor and the SET pin
capacitor directly together. A parasitic substrate diode ex-
ists between OUTS and GND pins of the LT3045; do not
drive OUTS more than 0.3V below GND during normal
operation or during a fault condition.
OUT (Pin 10/Pins 11, 12): Output. This pin supplies
power to the load. For stability, use a minimum 10µF
output capacitor with an ESR below 20mΩ and an ESL
below 2nH. Large load transients require larger output
capacitance to limit peak voltage transients. Refer to the
Applications Information section for more information
on output capacitance. A parasitic substrate diode exists
between OUT and GND pins of the LT3045; do not drive
OUT more than 0.3V below GND during normal operation
or during a fault condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com