Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 12 Page - Linear Technology

Part # LT3045
Description  20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3045 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT3045 Datasheet HTML 8Page - Linear Technology LT3045 Datasheet HTML 9Page - Linear Technology LT3045 Datasheet HTML 10Page - Linear Technology LT3045 Datasheet HTML 11Page - Linear Technology LT3045 Datasheet HTML 12Page - Linear Technology LT3045 Datasheet HTML 13Page - Linear Technology LT3045 Datasheet HTML 14Page - Linear Technology LT3045 Datasheet HTML 15Page - Linear Technology LT3045 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
LT3045
12
3045fa
For more information www.linear.com/LT3045
pin FuncTions
IN (Pins 1, 2/Pins 1, 2, 3): Input. These pins supply power
to the regulator. The LT3045 requires a bypass capacitor
at the IN pin. In general, a battery’s output impedance
rises with frequency, so include a bypass capacitor in
battery-powered applications. While a 4.7µF input bypass
capacitor generally suffices, applications with large load
transients may require higher input capacitance to prevent
input supply droop. Consult the Applications Information
sectionontheproperuseofaninputcapacitoranditseffect
on circuit performance, in particular PSRR. The LT3045
withstands reverse voltages on IN with respect to GND,
OUTS and OUT. In the case of a reversed input, which oc-
curs if a battery is plugged-in backwards, the LT3045 acts
as if a diode is in series with its input. Hence, no reverse
current flows into the LT3045 and no negative voltage
appears at the load. The device protects itself and the load.
EN/UV (Pin 3/Pin 4): Enable/UVLO. Pulling the LT3045’s
EN/UV pin low places the part in shutdown. Quiescent
current in shutdown drops to less than 1µA and the out-
put voltage turns off. Alternatively, the EN/UV pin can set
an input supply undervoltage lockout (UVLO) threshold
using a resistor divider between IN, EN/UV and GND. The
LT3045typicallyturnsonwhentheEN/UVvoltageexceeds
1.24V on its rising edge, with a 130mV hysteresis on its
falling edge. The EN/UV pin can be driven above the input
voltage and maintain proper functionality. If unused, tie
EN/UV to IN. Do not float the EN/UV pin.
PG (Pin 4/Pin 5): Power Good. PG is an open-collector
flag that indicates output voltage regulation. PG pulls low
if PGFB is below 300mV. If the power good functional-
ity is not needed, float the PG pin. A parasitic substrate
diode exists between PG and GND pins of the LT3045; do
not drive PG more than 0.3V below GND during normal
operation or during a fault condition.
ILIM (Pin 5/Pin 6): Current Limit Programming Pin.
Connecting a resistor between ILIM and GND programs
the current limit. For best accuracy, Kelvin connect this
resistor directly to the LT3045’s GND pin. The program-
ming scale factor is nominally 150mA•kΩ. The ILIM pin
sources current proportional (1:500) to output current;
therefore, it also serves as a current monitoring pin with
a 0V to 300mV range. If the programmable current limit
functionality is not needed, tie ILIM to GND. A parasitic
substrate diode exists between ILIM and GND pins of the
LT3045; do not drive ILIM more than 0.3V below GND
during normal operation or during a fault condition.
PGFB (Pin 6/Pin 7): Power Good Feedback. The PG pin
pulls high if PGFB increases beyond 300mV on its rising
edge, with 7mV hysteresis on its falling edge. Connect-
ing an external resistor divider between OUT, PGFB and
GND sets the programmable power good threshold with
the following transfer function: 0.3V • (1 + RPG2/RPG1).
As discussed in the Applications Information section,
PGFB also activates the fast start-up circuitry. Tie PGFB
to IN if power good and fast start-up functionalities are
not needed, and if reverse input protection is additionally
required, tie the anode of a 1N4148 diode to IN and its
cathode to PGFB. See the Typical Applications section for
details. A parasitic substrate diode exists between PGFB
and GND pins of the LT3045; do not drive PGFB more
than 0.3V below GND during normal operation or during
a fault condition.
SET (Pin 7/Pin 8): SET. This pin is the inverting input of
the error amplifier and the regulation set-point for the
LT3045. SET sources a precision 100µA current that
flows through an external resistor connected between SET
and GND. The LT3045’s output voltage is determined by
VSET = ISET • RSET. Output voltage range is from zero to
15V. Adding a capacitor from SET to GND improves noise,
PSRR and transient response at the expense of increased
start-uptime.Foroptimumloadregulation,Kelvinconnect
the ground side of the SET pin resistor directly to the load.
A parasitic substrate diode exists between SET and GND
pins of the LT3045; do not drive SET more than 0.3V below
GND during normal operation or during a fault condition.
GND (Pin 8, Exposed Pad Pin 11/Pin 9, Exposed Pad
Pin 13): Ground. The exposed backside is an electrical
connection to GND. To ensure proper electrical and ther-
mal performance, solder the exposed backside to the PCB
ground and tie it directly to the GND pin.
(DFN/MSOP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com