Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3045
Description  20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3045 Datasheet(HTML) 5 Page - Linear Technology

  LT3045 Datasheet HTML 1Page - Linear Technology LT3045 Datasheet HTML 2Page - Linear Technology LT3045 Datasheet HTML 3Page - Linear Technology LT3045 Datasheet HTML 4Page - Linear Technology LT3045 Datasheet HTML 5Page - Linear Technology LT3045 Datasheet HTML 6Page - Linear Technology LT3045 Datasheet HTML 7Page - Linear Technology LT3045 Datasheet HTML 8Page - Linear Technology LT3045 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LT3045
5
3045fa
For more information www.linear.com/LT3045
Typical perForMance characTerisTics
Offset Voltage
SET Pin Current
Offset Voltage (VOUT – VSET)
SET Pin Current
SET Pin Current
Offset Voltage (VOUT – VSET)
TJ = 25°C, unless otherwise noted.
elecTrical characTerisTics
Note 9: The LT3045 is tested and specified under pulsed load conditions
such that TJ ≈ TA. The LT3045E is 100% tested at 25°C and performance
is guaranteed from 0°C to 125°C. Specifications over the –40°C to 125°C
operating temperature range are assured by design, characterization, and
correlation with statistical process controls. The LT3045I is guaranteed
over the full –40°C to 125°C operating temperature range. LT3045H is
100% tested at the 150°C operating junction temperature. High junction
temperatures degrade operating lifetimes. Operating lifetime is derated at
junction temperatures greater than 125°C.
Note 10: Parasitic diodes exist internally between the ILIM, PG, PGFB, SET,
OUTS, and OUT pins and the GND pin. Do not drive these pins more than
0.3V below the GND pin during a fault condition. These pins must remain at
a voltage more positive than GND during normal operation.
Note 11: The current limit programming scale factor is specified while the
internal backup current limit is not active. Note that the internal current
limit has foldback protection for VIN – VOUT differentials greater than 12V.
Note 12: The internal back-up current limit circuitry incorporates foldback
protection that decreases current limit for VIN – VOUT > 12V. Some level of
output current is provided at all VIN – VOUT differential voltages. Consult the
Typical Performance Characteristics graph for current limit vs VIN – VOUT.
Note 13: For output voltages less than 1V, the LT3045 requires a 10µA
minimum load current for stability.
Note 14: Maximum OUT-to-OUTS differential is guaranteed by design.
VIN = 2V
IL = 1mA
VOUT = 1.3V
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
99.0
99.2
99.4
99.6
99.8
100.0
100.2
100.4
100.6
100.8
101.0
3045 G01
N = 3250
ISET DISTRIBUTION (µA)
98
99
100
101
102
3045 G02
VIN = 2V
IL = 1mA
VOUT = 1.3V
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
3045 G03
N = 3250
VOS DISTRIBUTION (mV)
–2
–1
0
1
2
3045 G04
IL = 1mA
VOUT = 1.3V
150°C
125°C
25°C
–55°C
INPUT VOLTAGE (V)
0
2
4
6
8 10 12 14 16 18 20
99.0
99.2
99.4
99.6
99.8
100.0
100.2
100.4
100.6
100.8
101.0
3045 G05
IL = 1mA
VOUT = 1.3V
150°C
125°C
25°C
–55°C
INPUT VOLTAGE (V)
0
2
4
6
8 10 12 14 16 18 20
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
3045 G06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com