Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8613 Datasheet(PDF) 6 Page - Linear Technology

Part # LT8613
Description  60V, 1.2A Synchronous Monolithic Buck Regulator with 6關A Quiescent Current
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8613 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT8613 Datasheet HTML 2Page - Linear Technology LT8613 Datasheet HTML 3Page - Linear Technology LT8613 Datasheet HTML 4Page - Linear Technology LT8613 Datasheet HTML 5Page - Linear Technology LT8613 Datasheet HTML 6Page - Linear Technology LT8613 Datasheet HTML 7Page - Linear Technology LT8613 Datasheet HTML 8Page - Linear Technology LT8613 Datasheet HTML 9Page - Linear Technology LT8613 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LT8619/LT8619-5
6
8619f
For more information www.linear.com/LT8619
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 12V
fOSC = 700kHz
NO LOAD
FORCED CONTINUOUS MODE
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
OUT
8619 G10
VIN = 12V
VOUT = 3.3V
fSW = 700kHz
FORCED CONTINUOUS MODE
LOAD CURRENT (A)
0
0.2
0.4
0.6
0.8
1.0
1.2
–0.2
–0.1
0
0.1
0.2
Load Regulation
8619 G11
VOUT = 2.4V, NO LOAD
fSW = 400kHz
FORCED CONTINUOUS MODE
VIN (V)
1
10
100
–0.10
–0.05
0
0.05
0.10
8619 G12
SHUTDOWN THRESHOLD
POWER–ON THRESHOLD
EN/UV RISING
EN/UV FALLING
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0
0.2
0.4
0.6
0.8
1.0
1.2
EN/UV Threshold
8619 G13
fSW = 700kHz
L = 10µH
IHLP-2020BZ-01
DUTY CYCLE (%)
0
20
40
60
80
100
1.5
1.6
1.7
1.8
1.9
2.0
8619 G14
VIN = 12V
VOUT = 3.3V
LOAD CURRENT = 100mA
TOP SWITCH
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0
100
200
300
400
500
600
700
800
900
1000
Switch Resistance
8619 G15
BOTTOM SWITCH
VOUT = 3.3V
∆VOUT = –1%
fSW = 2MHz
L = 3.3µH, IHLP-2020AB-01
FORCED CONTINUOUS MODE
LOAD CURRENT (A)
0
0.2
0.4
0.6
0.8
1.0
1.2
0
0.2
0.4
0.6
0.8
1.0
8619 G16
EN/UV Threshold
Top FET Current Limit vs
Duty Cycle
Switch Resistance
Dropout
VOUT = 3.3V
Load Regulation
Line Regulation
VIN = 12V
VOUT = 3.3V, NO LOAD
FORCED CONTINUOUS MODE
fSW = 700kHz
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
–5
–4
–3
–2
–1
0
1
2
3
4
5
SW
8619 G18
fSW = 2MHz
Dropout vs Temperature
fSW
1.2A LOAD
NO LOAD
1.0A LOAD
0.5A LOAD
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
8619 G17
VOUT = 3.3V, ∆VOUT = –1%
fOSC = 700kHz
FORCED CONTINUOUS MODE
(CONTINUOUS OPERATION
ABOVE MAX JUNCTION
TEMPERATURE MAY
PERMANENTLY
DAMAGE THE
DEVICE)
L = 10µH, IHLP-2020BZ-01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com