Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8613 Datasheet(PDF) 20 Page - Linear Technology

Part # LT8613
Description  60V, 1.2A Synchronous Monolithic Buck Regulator with 6關A Quiescent Current
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8613 Datasheet(HTML) 20 Page - Linear Technology

Back Button LT8613 Datasheet HTML 16Page - Linear Technology LT8613 Datasheet HTML 17Page - Linear Technology LT8613 Datasheet HTML 18Page - Linear Technology LT8613 Datasheet HTML 19Page - Linear Technology LT8613 Datasheet HTML 20Page - Linear Technology LT8613 Datasheet HTML 21Page - Linear Technology LT8613 Datasheet HTML 22Page - Linear Technology LT8613 Datasheet HTML 23Page - Linear Technology LT8613 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
LT8619/LT8619-5
20
8619f
For more information www.linear.com/LT8619
RT = 20kΩ
VFB (V)
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8
0
0.5
1.0
1.5
2.0
2.5
8619 F08
Figure 8. Frequency Foldback Transfer Function
Figure 9. Short-Circuit Waveform with VIN = 12V,
VOUT = 3.3V, fOSC = 2MHz, L = 4.7μH, COUT = 22μF
VIN
VIN
LT8619
EN/UV
GND
8619 F10
PCB Layout
For proper operation and minimum EMI, care must be
taken during printed circuit board (PCB) layout. Figure 11
and Figure 12 show the recommended component place-
ment with trace, ground plane and via locations. Note that
large, switched currents flow in the LT8619’s VIN, SW,
GND pins, and the input capacitor. The loop formed by
these components should be as small as possible by plac-
ing the capacitor adjacent to the VIN and GND pins. When
using a physically large input capacitor, the resulting loop
may become too large in which case using a small case/
value capacitor placed close to the VIN and GND pins plus
a larger capacitor further away is preferred. These com-
ponents, along with the inductor and output capacitor,
should be placed on the same side of the circuit board,
and their connections should be made on that layer. Place
a local, unbroken ground plane under the application cir-
cuit on the layer closest to the surface layer. The SW and
BST nodes should be as small as possible. Finally, keep
the FB and RT nodes small so that the ground traces will
shield them from the SW and BST nodes. The exposed
pad on the bottom of the package must be soldered to
ground so that the pad is connected to ground electrically
and also acts as a heat sink thermally. To keep thermal
resistance low, extend the ground plane as much as pos-
sible, and add thermal vias under and near the LT8619 to
additional ground planes within the circuit board and on
the bottom side.
High Temperature Output Current Considerations
The maximum practical continuous load that the LT8619
can drive, while rated at 1.2A, actually depends upon both
the internal current limit (refer to the Typical Performance
Characteristics section) and the internal temperature
which depends on operating conditions, PCB layout and
airflow.
APPLICATIONS INFORMATION
5s/DIV
VOUT
1V/DIV
ISHORT
10A/DIV
IL
0.5A/DIV
SW
10V/DIV
8619 F09
Reversed Input Protection
Load protection may be necessary in systems where the
output will be held high when the input to the LT8619 is
absent. This may occur in battery charging applications or
in battery backup systems where a battery or some other
supply is diode ORed with the LT8619’s output. If the VIN
pin is allowed to float and the EN/UV pin is held high (either
by a logic signal or because it is tied to VIN), then the
LT8619’s internal circuitry will pull its quiescent current
through its SW pin. This is acceptable if the system can tol-
erate several μA in this state. If the EN/UV pin is grounded
the SW pin current will drop to near 1µA. However, if the
VIN pin is grounded while the output is held high, regard-
less of EN/UV, parasitic body diodes inside the LT8619
can pull current from the output through the SW pin and
the VIN pin. Figure 10 shows a connection of the VIN and
EN/UV pins that will allow the LT8619 to run only when
the input voltage is present and that protects against a
shorted or reversed input.
Figure 10. Reverse VIN Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com