Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8613 Datasheet(PDF) 8 Page - Linear Technology

Part # LT8613
Description  60V, 1.2A Synchronous Monolithic Buck Regulator with 6關A Quiescent Current
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8613 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT8613 Datasheet HTML 4Page - Linear Technology LT8613 Datasheet HTML 5Page - Linear Technology LT8613 Datasheet HTML 6Page - Linear Technology LT8613 Datasheet HTML 7Page - Linear Technology LT8613 Datasheet HTML 8Page - Linear Technology LT8613 Datasheet HTML 9Page - Linear Technology LT8613 Datasheet HTML 10Page - Linear Technology LT8613 Datasheet HTML 11Page - Linear Technology LT8613 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LT8619/LT8619-5
8
8619f
For more information www.linear.com/LT8619
TYPICAL PERFORMANCE CHARACTERISTICS
Forced Continuous Mode No Load
Switching Waveform
Forced Continuous Mode Switching
Waveform at Minimum On-time
Forced Continuous Mode Transient
Load Step from 10mA to 1A
Pulse-Skipping Mode Transient
Load Step from 10mA to 1A
Bust Mode Transient Load Step
from 10mA to 1A
Forced Continuous Mode
Frequency Synchronization
200ns/DIV
VOUT (AC)
2mV/DIV
IL
200mA/DIV
SW
10V/DIV
8619 G28
VIN = 12V, VOUT = 3.3V
fSW = 2MHz, L = 3.3H, COUT = 22F
TOP = 200ns/DIV, BOT = 5ns/DIV,
PERSISTENCE MODE
IL
200mA/DIV
SW
20V/DIV
SW
(ZOOM IN)
10V/DIV
8619 G29
VIN = 53.7V, VOUT = 3.3V, 0.5A LOAD
fSW = 2MHz, L = 3.3H, COUT = 22F
20s/DIV
VOUT
200mV/DIV
ILOAD
1A/DIV
SW
10V/DIV
8619 G30
VIN = 12V, VOUT = 3.3V
fOSC = 2MHz, L = 3.3H, COUT = 22F
20s/DIV
8619 G31
VOUT
200mV/DIV
ILOAD
1A/DIV
SW
10V/DIV
VIN = 12V, VOUT = 3.3V
fOSC = 2MHz, L = 3.3H, COUT = 22F
20s/DIV
8619 G32
VOUT
200mV/DIV
ILOAD
1A/DIV
SW
10V/DIV
VIN = 12V, VOUT = 3.3V
fOSC = 2MHz, L = 3.3H, COUT = 22F
VOUT (AC)
20mV/DIV
SYNC
2V/DIV
SW
10V/DIV
SW (ZOOM IN)
10V/DIV
SYNC (ZOOM IN)
2V/DIV
8619 G33
VOUT (AC, ZOOM IN)
20mV/DIV
TOP = 10s/DIV, BOT = 200ns/DIV
VIN = 12V, VOUT = 3.3V, NO LOAD
fOSC = 700kHz, L = 10H, COUT = 22F
fSW (FREE RUNNING) = 700kHZ, fSYNC = 1.2MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com