Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8613 Datasheet(PDF) 7 Page - Linear Technology

Part # LT8613
Description  60V, 1.2A Synchronous Monolithic Buck Regulator with 6關A Quiescent Current
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8613 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT8613 Datasheet HTML 3Page - Linear Technology LT8613 Datasheet HTML 4Page - Linear Technology LT8613 Datasheet HTML 5Page - Linear Technology LT8613 Datasheet HTML 6Page - Linear Technology LT8613 Datasheet HTML 7Page - Linear Technology LT8613 Datasheet HTML 8Page - Linear Technology LT8613 Datasheet HTML 9Page - Linear Technology LT8613 Datasheet HTML 10Page - Linear Technology LT8613 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LT8619/LT8619-5
7
8619f
For more information www.linear.com/LT8619
TYPICAL PERFORMANCE CHARACTERISTICS
VOUT = 3.3V
fSW = 2MHz
FORCED CONTINUOUS MODE
0.2A LOAD
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0
20
40
60
80
100
120
Minimum On Time
8619 G19
0.5A LOAD
NO LOAD
NO LOAD
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
140
150
160
170
180
8619 G20
0.5A LOAD
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
–10.0
–7.5
–5.0
–2.5
0
2.5
5.0
7.5
10.0
Power Good, Overvoltage Threshold
8619 G21
OV
PPG VFB RISING
PPG VFB FALLING
NPG VFB RISING
NPG VFB FALLING
VFB – VPGTH (mV)
0
20
40
60
80
100
0
25
50
75
100
8619 G22
VOUT = 1.6V, NO LOAD
fSW = 700kHz
FORCED CONTINUOUS MODE
VIN FALLING
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
2.5
2.6
2.7
2.8
2.9
3.0
IN
8619 G23
VIN RISING
VIN = 12V
VOUT = 3.3V
FORCED CONTINUOUS MODE
fSW = 2MHz
fSW = 700kHz
LOAD CURRENT (A)
0
0.2
0.4
0.6
0.8
1.0
1.2
0
2
4
6
8
10
12
BIAS
8619 G24
Minimum Off-Time
Power Good, Overvoltage
Threshold
Power Good Delay
VIN UVLO
IBIAS vs Load
Minimum On-Time
IBIAS vs fSW
IBIAS at 700kHz vs Temperature
IBIAS at 2MHz vs Temperature
1.2A LOAD
1A LOAD
NO LOAD
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0
2
4
6
8
10
BIAS
8619 G26
VIN = 12V
VOUT = 3.3V
FORCED CONTINUOUS MODE
(CONTINUOUS OPERATION
ABOVE MAX JUNCTION
TEMPERATURE MAY
PERMANENTLY
DAMAGE THE
DEVICE)
BIAS = VOUT
0.5A LOAD
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0
4
8
12
16
20
24
1.2A LOAD
1A LOAD
0.5A LOAD
NO LOAD
IBIAS at 2MHz vs Temperature
8619 G27
VIN = 12V
VOUT = 5V
FORCED CONTINUOUS MODE
(CONTINUOUS OPERATION
ABOVE MAX JUNCTION
TEMPERATURE MAY
PERMANENTLY
DAMAGE THE
DEVICE)
BIAS = VOUT
0.2
0.6
1.0
1.4
1.8
2.2
0
2
4
6
8
10
VIN = 12V
VOUT = 3.3V
L = 10µH
FORCED CONTINUOUS MODE
1A LOAD
NO LOAD
fSW (MHz)
8619 G25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com