Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8613 Datasheet(PDF) 14 Page - Linear Technology

Part # LT8613
Description  60V, 1.2A Synchronous Monolithic Buck Regulator with 6關A Quiescent Current
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8613 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT8613 Datasheet HTML 10Page - Linear Technology LT8613 Datasheet HTML 11Page - Linear Technology LT8613 Datasheet HTML 12Page - Linear Technology LT8613 Datasheet HTML 13Page - Linear Technology LT8613 Datasheet HTML 14Page - Linear Technology LT8613 Datasheet HTML 15Page - Linear Technology LT8613 Datasheet HTML 16Page - Linear Technology LT8613 Datasheet HTML 17Page - Linear Technology LT8613 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
LT8619/LT8619-5
14
8619f
For more information www.linear.com/LT8619
APPLICATIONS INFORMATION
FB Resistor Network
The output voltage is programmed with a resistor divider
between VOUT and the FB pin. Choose the resistor values
according to:
R1= R2
VOUT
0.8V
– 1
⎛
⎝⎜
⎞
⎠⎟
Reference designators refer to the Block Diagram. 1%
resistors are recommended to maintain output voltage
accuracy.
If low input quiescent current and good light-load effi-
ciency are desired, use a large resistor value for the FB
resistor divider. The current flowing in the divider acts as
a load current, and will increase the no-load input current
to the converter, which is approximately:
IQ = 5.2µA +
VOUT
R1+R2
⎛
⎝
⎜
⎜
⎞
⎠
⎟
⎟
VOUT
VIN
⎛
⎝
⎜
⎜⎜
⎞
⎠
⎟
⎟⎟
1
η
⎛
⎝
⎜
⎜
⎞
⎠
⎟
⎟
where 5.2μA is the quiescent current of the LT8619 and
the second term is the current in the feedback divider
reflected to the input of the buck operating at its light load
efficiency, η. For a 3.3V application with R1 = 1M and
R2 = 316k, the feedback divider draws 2.5μA from VOUT.
With VIN = 12V and η = 85%, this adds 0.8μA to the 5.2μA
quiescent current resulting in 6μA quiescent current from
the 12V supply. Note that this equation implies that the
no-load current is a function of VIN; this is plotted in the
Typical Performance Characteristics section.
When using large FB resistors, a 4.7pF to 10pF phase
lead capacitor, C1, should be connected from VOUT to FB.
Setting the Switching Frequency
The LT8619 uses a constant frequency PWM architec-
ture that can be programmed to switch from 300kHz to
2.2MHz by using a resistor tied from the RT pin to ground.
The RT resistor required for a desired oscillator frequency
can be roughly obtain using:
RT =
50.07
fOSC
– 5
where RT is in kΩ and fOSC is the desired switching fre-
quency in MHz.
Table 1 and Figure 4 show the typical RT value for a
desired oscillator frequency.
Table 1. Oscillator Frequency vs RT Value (1% Standard Value)
fOSC (MHz)
RT (kΩ)
fOSC (MHz)
RT (kΩ)
0.3
162
1.4
30.9
0.4
121
1.6
26.1
0.5
95.3
1.8
22.6
0.6
78.7
2.0
20.0
0.7
66.5
2.2
17.8
0.8
57.6
0.9
51.1
1.0
45.3
1.2
36.5
Figure 4. Oscillator Frequency vs RT Value
Operating Frequency Selection and Trade-Offs
Selection of the operating frequency is a trade-off between
efficiency, component size, and input voltage range. The
advantage of high frequency operation is that smaller
inductor and capacitor values may be used. The disadvan-
tages are lower efficiency and a smaller input voltage range.
For force continuous mode operation, the highest oscil-
lator frequency (fOSC(MAX)) for a given application can be
approximately given by the 1st order equation:
fOSC(MAX) =
ILOADRSW(BOT) + VOUT
tON(MIN) VIN –ILOADRSW(TOP) +ILOADRSW(BOT)
(
)
Where VIN is the input voltage, VOUT is the output volt-
age, RSW(TOP) and RSW(BOT) are the internal switch on
resistance (~0.45Ω, ~0.22Ω, respectively) and tON(MIN)
RT (kΩ)
0
20
40
60
80 100 120 140 160
0.2
0.6
1.0
1.4
1.8
2.2
8619 F04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com