Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8613 Datasheet(PDF) 2 Page - Linear Technology

Part # LT8613
Description  60V, 1.2A Synchronous Monolithic Buck Regulator with 6關A Quiescent Current
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8613 Datasheet(HTML) 2 Page - Linear Technology

  LT8613 Datasheet HTML 1Page - Linear Technology LT8613 Datasheet HTML 2Page - Linear Technology LT8613 Datasheet HTML 3Page - Linear Technology LT8613 Datasheet HTML 4Page - Linear Technology LT8613 Datasheet HTML 5Page - Linear Technology LT8613 Datasheet HTML 6Page - Linear Technology LT8613 Datasheet HTML 7Page - Linear Technology LT8613 Datasheet HTML 8Page - Linear Technology LT8613 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LT8619/LT8619-5
2
8619f
For more information www.linear.com/LT8619
ABSOLUTE MAXIMUM RATINGS
VIN, EN/UV................................................................60V
BIAS..........................................................................30V
BST Pin Above SW Pin................................................4V
PG, SYNC, OUT. ..........................................................6V
FB ...............................................................................2V
(Notes 1, 2)
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT8619EDD#PBF
LT8619EDD#TRPBF
LGNP
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LT8619IDD#PBF
LT8619IDD#TRPBF
LGNP
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LT8619EMSE#PBF
LT8619EMSE#TRPBF
8619
16-Lead Plastic MSOP
–40°C to 125°C
LT8619IMSE#PBF
LT8619IMSE#TRPBF
8619
16-Lead Plastic MSOP
–40°C to 125°C
LT8619EMSE-5#PBF
LT8619EMSE-5#TRPBF
86195
16-Lead Plastic MSOP
–40°C to 125°C
LT8619IMSE-5#PBF
LT8619IMSE-5#TRPBF
86195
16-Lead Plastic MSOP
–40°C to 125°C
Consult ADI Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
http://www.linear.com/product/LT8619#orderinfo
TOP VIEW
11
GND
DD PACKAGE
10-LEAD (3mm × 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
SW
BST
INTVCC
BIAS
FB*
VIN
EN/UV
RT
PG
SYNC
θJA = 43°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
6
7
8
NC
VIN
NC
EN/UV
RT
PG
SYNC
GND
16
15
14
13
12
11
10
9
SW
SW
BST
NC
INTVCC
BIAS
FB/OUT*
FB/OUT*
TOP VIEW
17
GND
MSE PACKAGE
16-LEAD PLASTIC MSOP
θJA = 40°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
*FB FOR LT8619, OUT FOR LT8619-5
PIN CONFIGURATION
Operating Junction Temperature (Note 3)
LT8619E, LT8619E-5.......................... –40°C to 125°C
LT8619I, LT8619I-5............................ –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com