Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8613 Datasheet(PDF) 16 Page - Linear Technology

Part # LT8613
Description  60V, 1.2A Synchronous Monolithic Buck Regulator with 6關A Quiescent Current
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8613 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT8613 Datasheet HTML 12Page - Linear Technology LT8613 Datasheet HTML 13Page - Linear Technology LT8613 Datasheet HTML 14Page - Linear Technology LT8613 Datasheet HTML 15Page - Linear Technology LT8613 Datasheet HTML 16Page - Linear Technology LT8613 Datasheet HTML 17Page - Linear Technology LT8613 Datasheet HTML 18Page - Linear Technology LT8613 Datasheet HTML 19Page - Linear Technology LT8613 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
LT8619/LT8619-5
16
8619f
For more information www.linear.com/LT8619
For low VIN applications that cannot allow deviation from
the programmed oscillator frequency, use the following
formula to set the switching frequency:
VIN(MIN) =
VSW(BOT) + VOUT
1– tOFF(MIN) • fOSC
+ VSW(TOP) – VSW(BOT)
where VIN(MIN) is the minimum input voltage without
skipped cycles, VOUT is the output voltage, VSW(TOP) and
VSW(BOT) are the internal switch drops (~0.54V, ~0.264V,
respectively at maximum load), fOSC is the oscillating fre-
quency (set by RT), and tOFF(MIN) is the minimum switch-
ing off-time. Note that higher switching frequency will
increase the minimum input voltage below which cycles
will be dropped to achieve higher duty cycle.
Inductor Selection and Maximum Output Current
The LT8619 is designed to minimize solution size by
allowing the inductor to be chosen based on the output
load requirements of the application. During overload or
short-circuit conditions the LT8619 safely tolerates opera-
tion with a saturated inductor through the use of a high
speed peak-current mode architecture.
A good first choice for the inductor value is:
L = 2
VOUT + VSW(BOT)
fOSC
where fOSC is the switching frequency in MHz, VOUT is
the output voltage, VSW(BOT) is the bottom switch drop
(~0.264V) and L is the inductor value in μH.
To avoid overheating and poor efficiency, an inductor
must be chosen with an RMS current rating that is greater
than the maximum expected output load of the applica-
tion. In addition, the saturation current (typically labeled
ISAT) rating of the inductor must be higher than the load
current plus one-half of inductor ripple current:
ISAT >ILOAD(MAX) +
ΔIL(MAX)
2
APPLICATIONS INFORMATION
where ILOAD(MAX) is the maximum output load for a given
application and ∆IL(MAX) is the inductor ripple current as
calculated in the following equation:
ΔIL(MAX) =
1
fOSC •L
VOUT 1–
VOUT
VIN(MAX)
⎡
⎣
⎢
⎢
⎤
⎦
⎥
⎥
As a quick example, an application requiring 1A output
current should use an inductor with an RMS rating of
greater than 1A and an ISAT of greater than 1.5A. During
long duration overload or short-circuit conditions, the
inductor RMS rating requirement is greater to avoid over-
heating of the inductor. To push for high efficiency, select
an inductor with low series resistance (DCR), preferably
below 0.04Ω, and the core material should be intended
for high frequency application. However, achieving this
requires a large size inductor. An inductor with DCR
around 0.1Ω is generally a good compromise for both
efficiency and board area, at the expense of trimming 1%
to 2% from the efficiency number.
The LT8619 limits the peak switch current in order to pro-
tect the switches and the system from overload faults. The
top switch current limit (ILIM) is at least 1.5A. The induc-
tor value must then be sufficient to supply the desired
maximum output current (ILOAD(MAX)), which is a function
of the switch current limit (ILIM) and the ripple current:
ILOAD(MAX) = ILIM –
ΔIL
2
Therefore, the maximum output current that the LT8619
will deliver depends on the switch current limit, the induc-
tor value, and the input and output voltages. The inductor
value may have to be increased if the inductor ripple cur-
rent does not allow sufficient maximum output current
(ILOAD(MAX)) given the switching frequency, and maximum
input voltage used in the desired application.
In order to achieve higher light load efficiency, more
energy must be delivered to the output during single small
pulses in Burst Mode operation such that the LT8619 can



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com