Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8613 Datasheet(PDF) 23 Page - Linear Technology

Part # LT8613
Description  60V, 1.2A Synchronous Monolithic Buck Regulator with 6關A Quiescent Current
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8613 Datasheet(HTML) 23 Page - Linear Technology

Back Button LT8613 Datasheet HTML 18Page - Linear Technology LT8613 Datasheet HTML 19Page - Linear Technology LT8613 Datasheet HTML 20Page - Linear Technology LT8613 Datasheet HTML 21Page - Linear Technology LT8613 Datasheet HTML 22Page - Linear Technology LT8613 Datasheet HTML 23Page - Linear Technology LT8613 Datasheet HTML 24Page - Linear Technology LT8613 Datasheet HTML 25Page - Linear Technology LT8613 Datasheet HTML 26Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
LT8619/LT8619-5
23
8619f
For more information www.linear.com/LT8619
3.3V 400kHz Step-Down Converter
TYPICAL APPLICATIONS
15µH
PG
100k
1M
316k
121k
0.1µF
22µF
8619 TA02
VOUT
3.3V
1.2A
BST
SW
PG
BIAS
FB
GND
SYNC
RT
6.8pF
L = VISHAY IHLP-3232CZ-11
COUT = TDK C3225X7R1C226K250
fOSC = 400kHz
OFF ON
1µF
2.2µF
VIN
4V TO 60V
INTVCC
VIN
EN/UV
LT8619
1.8V 2MHz Step-Down Converter
LT8619
2.2µH
PG
PG
100k
1.87M
1.5M
20k
OFF ON
0.1µF
22µF
5.6pF
8619 TA03
1µF
2.2µF
VIN
3.3V TO 12V
VOUT
1.8V
1.2A
BST
SW
INTVCC
VIN
GND
SYNC
EN/UV
RT
L = VISHAY IHLP-2020AB-01
COUT = TDK C3225X7R1C226K250
FB
BIAS
fOSC = 2MHz
5V 2MHz Step-Down Converter
12V 700kHz Step-Down Converter
LT8619-5
4.7µH
20k
0.1µF
22µF
8619 TA04
VIN
6V TO 36V
(60V TRANSIENT)
VOUT
5V
1.2A
BST
SW
GND
SYNC
RT
BIAS
OUT
OFF ON
1µF
2.2µF
INTVCC
VIN
EN/UV
PG
PG
100k
L = VISHAY IHLP-2020BZ-01
COUT = TDK C3225X7R1C226K250
fOSC = 2MHz
LT8619
22µH
PG
PG
100k
0.931M
401k
66.5k
66.5k
OFF ON
0.1µF
10µF
×2
22pF
8619 TA05
1µF
2.2µF
VIN
13V TO 60V
VOUT
12V
1.2A
BST
SW
INTVCC
VIN
GND
SYNC
EN/UV
RT
FB
BIAS
L = VISHAY IHLP-2020CZ-11
COUT = MURATA GRM32ER7YA106K
fOSC = 700kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com