Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8613 Datasheet(PDF) 17 Page - Linear Technology

Part # LT8613
Description  60V, 1.2A Synchronous Monolithic Buck Regulator with 6關A Quiescent Current
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8613 Datasheet(HTML) 17 Page - Linear Technology

Back Button LT8613 Datasheet HTML 13Page - Linear Technology LT8613 Datasheet HTML 14Page - Linear Technology LT8613 Datasheet HTML 15Page - Linear Technology LT8613 Datasheet HTML 16Page - Linear Technology LT8613 Datasheet HTML 17Page - Linear Technology LT8613 Datasheet HTML 18Page - Linear Technology LT8613 Datasheet HTML 19Page - Linear Technology LT8613 Datasheet HTML 20Page - Linear Technology LT8613 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
LT8619/LT8619-5
17
8619f
For more information www.linear.com/LT8619
APPLICATIONS INFORMATION
stay in sleep mode longer between each pulse. This can
be achieved by using a larger value inductor, and should
be considered independent of switching frequency when
choosing an inductor. For example, while a lower inductor
value would typically be used for a high switching fre-
quency application, if high light load efficiency is desired,
a higher inductor value should be chosen.
The optimum inductor for a given application may differ
from the one indicated by this design guide. A larger value
inductor provides a higher maximum load current and
reduces the output voltage ripple. For applications requir-
ing smaller load currents, the value of the inductor may
be lower and the LT8619 may operate with higher ripple
current. This allows you to use a physically smaller induc-
tor, or one with a lower DCR resulting in higher efficiency.
Be aware that low inductance may result in discontinuous
mode operation, which further reduces maximum load
current.
For details of maximum output current and discontinuous
operation, see Analog Devices’s Application Note 44.
Input Capacitor
Step-down regulators draw current from the input sup-
ply in pulses with very fast rise and fall times. The input
capacitor is required to reduce the resulting voltage rip-
ple at the LT8619 and to force this very high frequency
switching current into a tight local loop, minimizing EMI.
In continuous mode, the input capacitor RMS current is
given by:
IRMS(MAX) ≈ILOAD(MAX)
VOUT VIN – VOUT
(
)
VIN
This equation has a maximum RMS current at VIN =
2VOUT, where IRMS(MAX) = ILOAD(MAX)/2.
Bypass the input of the LT8619 circuit with a 2.2μF to
10μF ceramic capacitor of X7R or X5R type placed as
close as possible to the VIN and GND pin. Y5V types have
poor performance over temperature and applied voltage,
and should not be used. Note that larger input capacitance
is required when a lower switching frequency is used.
If the input power source has high impedance, or there
is significant inductance due to long wires or cables, a
ceramic input capacitor combined with the trace or cable
inductance forms a high quality (underdamped) tank cir-
cuit. If the LT8619 circuit is plugged into a live supply, the
input voltage can ring to twice its nominal value, possibly
exceeding the LT8619’s voltage rating. This situation is
easily avoided (see Analog Devices Application Note 88),
by adding a lossy electrolytic capacitor in parallel with the
ceramic capacitor.
Output Capacitor and Output Ripple
The output capacitor has two essential functions. Along
with the inductor, it filters the square wave generated
by the LT8619 to produce the DC output. In this role it
determines the output ripple, thus low impedance at the
switching frequency is important. The second function
is to store energy in order to satisfy transient loads and
stabilize the LT8619’s control loop. The current slew rate
of a regulator is limited by the inductor and feedback loop.
When the amount of current required by the load changes,
the initial current deficit must be supplied by the output
capacitor until the feedback loop reacts and compensates
for the load changes. Ceramic capacitors have very low
equivalent series resistance (ESR) and provide the best
ripple performance. For good starting values, see the
Typical Applications section.
Transient performance can be improved with a higher
value capacitor and the addition of a feedforward capaci-
tor placed between VOUT and FB. Increasing the output
capacitance will also decrease the output voltage ripple. A
lower value of output capacitor can be used to save space
and cost but transient performance will suffer and may
cause loop instability. See the Typical Applications in this
data sheet for suggested capacitor values.
Ceramic Capacitors
When choosing a capacitor, special attention should be
given to the manufacturer’s data sheet in order to accu-
rately calculate the effective capacitance under the rel-
evant bias voltage and operating temperature conditions.
Ceramic dielectrics can offer near ideal performance as



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com