Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8410LP2FE Datasheet(PDF) 4 Page - Analog Devices

Part # HMC8410LP2FE
Description  Low Noise Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8410LP2FE Datasheet(HTML) 4 Page - Analog Devices

  HMC8410LP2FE Datasheet HTML 1Page - Analog Devices HMC8410LP2FE Datasheet HTML 2Page - Analog Devices HMC8410LP2FE Datasheet HTML 3Page - Analog Devices HMC8410LP2FE Datasheet HTML 4Page - Analog Devices HMC8410LP2FE Datasheet HTML 5Page - Analog Devices HMC8410LP2FE Datasheet HTML 6Page - Analog Devices HMC8410LP2FE Datasheet HTML 7Page - Analog Devices HMC8410LP2FE Datasheet HTML 8Page - Analog Devices HMC8410LP2FE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
HMC8410
Data Sheet
Rev. A | Page 4 of 17
8 GHz TO 10 GHz FREQUENCY RANGE
TA = 25°C, VDD = 5 V, and IDQ = 65 mA, unless otherwise noted.
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
8
10
GHz
GAIN
13
16
dB
Gain Variation Over Temperature
0.01
dB/°C
NOISE FIGURE
1.7
2.2
dB
RETURN LOSS
Input
6
dB
Output
10
dB
OUTPUT
Output Power for 1 dB Compression
P1dB
17.5
19.5
dBm
Saturated Output Power
PSAT
21.5
dBm
Output Third-Order Intercept
IP3
33
dBm
SUPPLY CURRENT
IDQ
65
80
mA
Adjust VGG1 to achieve IDQ = 65 mA typical
SUPPLY VOLTAGE
VDD
2
5
6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com