Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8410LP2FE Datasheet(PDF) 13 Page - Analog Devices

Part # HMC8410LP2FE
Description  Low Noise Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8410LP2FE Datasheet(HTML) 13 Page - Analog Devices

Back Button HMC8410LP2FE Datasheet HTML 9Page - Analog Devices HMC8410LP2FE Datasheet HTML 10Page - Analog Devices HMC8410LP2FE Datasheet HTML 11Page - Analog Devices HMC8410LP2FE Datasheet HTML 12Page - Analog Devices HMC8410LP2FE Datasheet HTML 13Page - Analog Devices HMC8410LP2FE Datasheet HTML 14Page - Analog Devices HMC8410LP2FE Datasheet HTML 15Page - Analog Devices HMC8410LP2FE Datasheet HTML 16Page - Analog Devices HMC8410LP2FE Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Data Sheet
HMC8410
Rev. A | Page 13 of 17
THEORY OF OPERATION
The HMC8410 is a gallium arsenide (GaAs), monolithic
microwave integrated circuit (MMIC), pseudomorphic (pHEMT),
low noise wideband amplifier.
The cascode amplifier uses a fundamental cell of two field effect
transistors (FETs) in series, source to drain. The basic schematic
for the cascode cell is shown in Figure 37, which forms a low
noise amplifier operating from 0.01 GHz to 10 GHz with
excellent noise figure performance.
VDD
RFOUT
RFIN
VGG1
Figure 37. Basic Schematic for the Cascode Cell
The HMC8410 has single-ended input and output ports whose
impedances are nominally equal to 50 Ω over the 0.01 GHz to
10 GHz frequency range. Consequently, it can directly insert
into a 50 Ω system with no required impedance matching
circuitry, which also means that multiple HMC8410 amplifiers
can be cascaded back to back without the need for external
matching circuitry.
The input and output impedances are sufficiently stable vs.
variations in temperature and supply voltage that no impedance
matching compensation is required.
Note that it is critical to supply very low inductance ground
connections to the ground pins as well as to the backside
exposed paddle to ensure stable operation.
To achieve optimal performance from the HMC8410 and prevent
damage to the device, do not exceed the absolute maximum
ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com