Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8410LP2FE Datasheet(PDF) 8 Page - Analog Devices

Part # HMC8410LP2FE
Description  Low Noise Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8410LP2FE Datasheet(HTML) 8 Page - Analog Devices

Back Button HMC8410LP2FE Datasheet HTML 4Page - Analog Devices HMC8410LP2FE Datasheet HTML 5Page - Analog Devices HMC8410LP2FE Datasheet HTML 6Page - Analog Devices HMC8410LP2FE Datasheet HTML 7Page - Analog Devices HMC8410LP2FE Datasheet HTML 8Page - Analog Devices HMC8410LP2FE Datasheet HTML 9Page - Analog Devices HMC8410LP2FE Datasheet HTML 10Page - Analog Devices HMC8410LP2FE Datasheet HTML 11Page - Analog Devices HMC8410LP2FE Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
HMC8410
Data Sheet
Rev. A | Page 8 of 17
15
16
17
18
19
20
21
22
23
24
25
0
2
4
6
8
10
FREQUENCY (GHz)
–40°C
+25°C
+85°C
Figure 12. P1dB vs. Frequency for Various Temperatures
15
16
17
18
19
20
21
22
23
24
25
0
2
4
6
8
10
FREQUENCY (GHz)
–40°C
+25°C
+85°C
Figure 13. PSAT vs. Frequency for Various Temperatures
18
20
22
24
26
28
30
32
34
36
0
2
4
6
8
10
FREQUENCY GHz)
–40°C
+25°C
+85°C
Figure 14. Output IP3 vs. Frequency for Various Temperatures,
Output Power (POUT)/Tone = 5 dBm
20
25
30
35
40
45
50
0
2
4
6
8
10
FREQUENCY (GHz)
Figure 15. Output IP2 vs. Frequency at POUT/Tone = 5 dBm
–35
–30
–25
–20
–15
–10
–5
0
0
1
2
3
4
5
6
7
8
9
10
FREQUENCY (GHz)
–40°C
+25°C
+85°C
Figure 16. Reverse Isolation vs. Frequency for Various Temperatures
18
20
22
24
26
28
30
32
34
36
0
2
4
6
8
10
FREQUENCY (GHz)
0dBm
5dBm
Figure 17. Output IP3 vs. Frequency for Various POUT/Tone



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com