Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8410LP2FE Datasheet(PDF) 16 Page - Analog Devices

Part # HMC8410LP2FE
Description  Low Noise Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8410LP2FE Datasheet(HTML) 16 Page - Analog Devices

Back Button HMC8410LP2FE Datasheet HTML 9Page - Analog Devices HMC8410LP2FE Datasheet HTML 10Page - Analog Devices HMC8410LP2FE Datasheet HTML 11Page - Analog Devices HMC8410LP2FE Datasheet HTML 12Page - Analog Devices HMC8410LP2FE Datasheet HTML 13Page - Analog Devices HMC8410LP2FE Datasheet HTML 14Page - Analog Devices HMC8410LP2FE Datasheet HTML 15Page - Analog Devices HMC8410LP2FE Datasheet HTML 16Page - Analog Devices HMC8410LP2FE Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
HMC8410
Data Sheet
Rev. A | Page 16 of 17
EVALUATION BOARD SCHEMATIC
J1
C15
20pF
C2
10nF
C14
4.7µF
VGG1
C13
100nF
VDD
C5
2.2µF
C4
100nF
VGG2
C8
DNI
C7
DNI
J2
RFOUT
L2
590nH
J8
J3
J4
GND
THRU CAL
C9
DNI
DNI
DNI
DNI
C10
J6
J7
R1
0Ω
R2
15Ω
C16
20pF
C3
DNI
C12
DNI
6
5
1
2
3
4
GND
RFIN/VGG1
NIC
NIC
RFOUT/VDD
NIC
HMC8410
EPAD
J5
DNI
RFIN
L1
590nH
C1
10nF
C6
DNI
+
Figure 40. HMC8410 Evaluation Board Schematic
Table 6. Bill of Materials for Evaluation PCB EV1HMC8410LP2F
Item
Description
J1, J2
PCB mount SMA RF connectors, SRI 21-146-1000-01
J3, J4, J8
DC bias test points
C1, C2
Capacitors, broadband, 10 nF and 82 pF, 0502, 160 kHz and 40 GHz; Presidio Components MBB0502X103MLP5N8L
C3, C6 to C10, C12, J5 to J7
Do not install (DNI)
C4, C13
Capacitors, ceramic, 100 nF, 0402 package
C5
Capacitor, tantalum, 2.2 μF, Size A
C14
Capacitor, tantalum, 4.7 μF, 3216 package
C15, C16
Capacitors, ceramic, 20 pF, 0402 package
L1, L2
Inductors, 590 nH, 0402, 5%, ferrite DF, Coilcraft 0402DF-591XJRU
R1
0 Ω resistor
R2
15 Ω resistor, 0402 package
U1
Amplifier, HMC8410
Heat sink
Heat sink
PCB
600-01660-00 evaluation PCB; circuit board material: Rogers 4350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com