Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8410LP2FE Datasheet(PDF) 2 Page - Analog Devices

Part # HMC8410LP2FE
Description  Low Noise Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8410LP2FE Datasheet(HTML) 2 Page - Analog Devices

  HMC8410LP2FE Datasheet HTML 1Page - Analog Devices HMC8410LP2FE Datasheet HTML 2Page - Analog Devices HMC8410LP2FE Datasheet HTML 3Page - Analog Devices HMC8410LP2FE Datasheet HTML 4Page - Analog Devices HMC8410LP2FE Datasheet HTML 5Page - Analog Devices HMC8410LP2FE Datasheet HTML 6Page - Analog Devices HMC8410LP2FE Datasheet HTML 7Page - Analog Devices HMC8410LP2FE Datasheet HTML 8Page - Analog Devices HMC8410LP2FE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
HMC8410
Data Sheet
Rev. A | Page 2 of 17
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Electrical Specifications ................................................................... 3
0.01 GHz to 3 GHz Frequency Range........................................ 3
3 GHz to 8 GHz Frequency Range............................................. 3
8 GHz to 10 GHz Frequency Range........................................... 4
Absolute Maximum Ratings............................................................ 5
ESD Caution.................................................................................. 5
Pin Configuration and Function Descriptions..............................6
Interface Schematics .....................................................................6
Typical Performance Characteristics ..............................................7
Theory of Operation ...................................................................... 13
Applications Information .............................................................. 14
Recommended Bias Sequencing .............................................. 14
Typical Application Circuit....................................................... 14
Evaluation Board ............................................................................ 15
Evaluation Board Schematic..................................................... 16
Outline Dimensions....................................................................... 17
Ordering Guide .......................................................................... 17
REVISION HISTORY
11/2017—Rev. 0 to Rev. A
Change to Noise Figure Parameter, Table 1 .................................. 3
Change to Continuous Power Dissipation (PDISS) Parameter,
Table 4 ................................................................................................ 5
Changes to Figure 11........................................................................ 7
Changes to Figure 17........................................................................ 8
Changes to Figure 18 and Figure 20 Caption ............................... 9
Changes to Figure 33 and Figure 34 Caption ............................. 11
Added Figure 36; Renumbered Sequentially .............................. 12
Updated Outline Dimensions....................................................... 17
Changes to Ordering Guide .......................................................... 17
7/2016—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com