Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8410LP2FE Datasheet(PDF) 7 Page - Analog Devices

Part # HMC8410LP2FE
Description  Low Noise Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8410LP2FE Datasheet(HTML) 7 Page - Analog Devices

Back Button HMC8410LP2FE Datasheet HTML 3Page - Analog Devices HMC8410LP2FE Datasheet HTML 4Page - Analog Devices HMC8410LP2FE Datasheet HTML 5Page - Analog Devices HMC8410LP2FE Datasheet HTML 6Page - Analog Devices HMC8410LP2FE Datasheet HTML 7Page - Analog Devices HMC8410LP2FE Datasheet HTML 8Page - Analog Devices HMC8410LP2FE Datasheet HTML 9Page - Analog Devices HMC8410LP2FE Datasheet HTML 10Page - Analog Devices HMC8410LP2FE Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Data Sheet
HMC8410
Rev. A | Page 7 of 17
TYPICAL PERFORMANCE CHARACTERISTICS
–30
–25
–20
–15
–10
–5
0
5
10
15
20
25
0
1
2
3
4
5
6
7
8
9
10
FREQUENCY (GHz)
S21
S11
S22
Figure 6. Gain and Return Loss vs. Frequency
–20
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
0
1
2
3
4
5
6
7
8
9
10
FREQUENCY (GHz)
–40°C
+25°C
+85°C
Figure 7. Input Return Loss vs. Frequency for Various Temperatures
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
2
4
6
8
10
FREQUENCY (GHz)
–40°C
+25°C
+85°C
Figure 8. Noise Figure vs. Frequency for Various Temperatures
8
10
12
14
16
18
20
22
0
2
4
6
8
10
FREQUENCY(GHz)
–40°C
+25°C
+85°C
Figure 9. Gain vs. Frequency for Various Temperatures
–25
–20
–15
–10
–5
0
0
1
2
3
4
5
6
7
8
9
10
FREQUENCY (GHz)
–40°C
+25°C
+85°C
Figure 10. Output Return Loss vs. Frequency for Various Temperatures
0
2.0
4.0
6.0
8.0
10.0
1.0
3.0
5.0
7.0
9.0
0.5
2.5
4.5
6.5
8.5
1.5
3.5
5.5
7.5
9.5
0
0.2
0.4
0.6
0.8
0.9
0.1
0.3
0.5
0.7
1.0
FREQUENCY (GHz)
–40°C
+25°C
+85°C
Figure 11. Noise Figure vs. Frequency for Various Temperatures,
10 MHz to 1 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com