Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8410LP2FE Datasheet(PDF) 12 Page - Analog Devices

Part # HMC8410LP2FE
Description  Low Noise Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8410LP2FE Datasheet(HTML) 12 Page - Analog Devices

Back Button HMC8410LP2FE Datasheet HTML 8Page - Analog Devices HMC8410LP2FE Datasheet HTML 9Page - Analog Devices HMC8410LP2FE Datasheet HTML 10Page - Analog Devices HMC8410LP2FE Datasheet HTML 11Page - Analog Devices HMC8410LP2FE Datasheet HTML 12Page - Analog Devices HMC8410LP2FE Datasheet HTML 13Page - Analog Devices HMC8410LP2FE Datasheet HTML 14Page - Analog Devices HMC8410LP2FE Datasheet HTML 15Page - Analog Devices HMC8410LP2FE Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
HMC8410
Data Sheet
Rev. A | Page 12 of 17
0
20
40
60
80
100
120
–10
–5
0
5
10
15
INPUT POWER (dBm)
5mA
25mA
45mA
70mA
80mA
15mA
35mA
65mA
75mA
Figure 34. Supply Current with RF Applied (IDD) vs. Input Power for
Various Supply Currents (IDQ) at 5 GHz, VDD = 5 V
6
8
10
12
14
16
18
20
–10
–5
0
5
10
15
INPUT POWER (dBm)
5mA
15mA
25mA
35mA
45mA
65mA
70mA
75mA
80mA
Figure 35. Gain vs. Input Power for Various Supply Currents (IDQ) at 5 GHz,
VDD = 5 V
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
10
100
1k
10k
OFFSET FREQUENCY (Hz)
100k
1M
Figure 36. Additive Phase Noise Vs Offset Frequency, RF Frequency = 5 GHz,
RF Input Power = 3 dBm (P1dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com