Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8410LP2FE Datasheet(PDF) 17 Page - Analog Devices

Part # HMC8410LP2FE
Description  Low Noise Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8410LP2FE Datasheet(HTML) 17 Page - Analog Devices

Back Button HMC8410LP2FE Datasheet HTML 9Page - Analog Devices HMC8410LP2FE Datasheet HTML 10Page - Analog Devices HMC8410LP2FE Datasheet HTML 11Page - Analog Devices HMC8410LP2FE Datasheet HTML 12Page - Analog Devices HMC8410LP2FE Datasheet HTML 13Page - Analog Devices HMC8410LP2FE Datasheet HTML 14Page - Analog Devices HMC8410LP2FE Datasheet HTML 15Page - Analog Devices HMC8410LP2FE Datasheet HTML 16Page - Analog Devices HMC8410LP2FE Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
Data Sheet
HMC8410
Rev. A | Page 17 of 17
OUTLINE DIMENSIONS
1.65
1.60
1.55
0.30
0.25
0.20
TOP VIEW
SIDE VIEW
0.35
0.30
0.25
BOTTOM VIEW
PIN 1 INDEX
AREA
0.90
0.85
0.80
1.05
1.00
0.95
0.203 REF
0.05 MAX
0.02 NOM
0.65 BSC
0.20
MIN
EXPOSED
PAD
2.05
2.00 SQ
1.95
4
6
1
3
COPLANARITY
0.08
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
SEATING
PLANE
PIN 1
INDIC ATOR AREA OPTIONS
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
Figure 41. 6-Lead Lead Frame Chip Scale Package [LFCSP],
2 mm × 2 mm Body and 0.85 mm Package Height
(CP-6-9)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
MSL Rating2
Lead Finish
Package Description
Package Option
HMC8410LP2FE
−40°C to +85°C
MSL3
100% Matte Sn
6-Lead LFCSP
CP-6-9
HMC8410LP2FETR
−40°C to +85°C
MSL3
100% Matte Sn
6-Lead LFCSP
CP-6-9
EV1HMC8410LP2F
Evaluation PCB
1
The HMC8410LP2FE and HMC8410LP2FETR are RoHS Compliant Parts.
2
See the Absolute Maximum Ratings section for additional information.
©2016–2017 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D14657-0-11/17(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com