Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8410LP2FE Datasheet(PDF) 9 Page - Analog Devices

Part # HMC8410LP2FE
Description  Low Noise Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8410LP2FE Datasheet(HTML) 9 Page - Analog Devices

Back Button HMC8410LP2FE Datasheet HTML 5Page - Analog Devices HMC8410LP2FE Datasheet HTML 6Page - Analog Devices HMC8410LP2FE Datasheet HTML 7Page - Analog Devices HMC8410LP2FE Datasheet HTML 8Page - Analog Devices HMC8410LP2FE Datasheet HTML 9Page - Analog Devices HMC8410LP2FE Datasheet HTML 10Page - Analog Devices HMC8410LP2FE Datasheet HTML 11Page - Analog Devices HMC8410LP2FE Datasheet HTML 12Page - Analog Devices HMC8410LP2FE Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Data Sheet
HMC8410
Rev. A | Page 9 of 17
10
15
20
25
30
35
40
0.1
0.2
0.4
0.6
0.8
1.0
0.3
0.5
0.7
0.9
FREQUENCY (GHz)
GAIN
P1dB
PSAT
OUTPUT IP3
Figure 18. Gain, P1dB, PSAT, and Output IP3 vs. Frequency
0
5
10
15
20
25
30
35
40
0
2
4
6
8
10
FREQUENCY (GHz)
P1dB
PAE
Figure 19. P1dB and Power Added Efficiency (PAE) vs. Frequency
55
60
65
70
75
80
85
90
95
100
0
5
10
15
20
25
30
35
40
45
–10
–5
0
5
10
INPUT POWER (dBm)
POUT
GAIN
PAE
IDD
Figure 20. POUT, Gain, PAE, and Supply Current with RF Applied (IDD) vs.
Input Power at 5 GHz
0
5
10
15
20
25
30
35
40
45
50
55
0
2
4
6
8
10
FREQUENCY (GHz)
PSAT
PAE
Figure 21. PSAT and PAE vs. Frequency
0
0.1
0.2
0.3
0.4
0.5
0.6
–10
–8
–6
–4
–2
0
2
4
6
8
10
12
14
INPUT POWER (dBm)
1GHz
3GHz
5GHz
7GHz
9GHz
Figure 22. Power Dissipation at 85°C vs. Input Power at Various Frequencies
8
10
12
14
16
18
20
22
0
2
4
6
8
10
FREQUENCY (GHz)
5mA
15mA
25mA
35mA
45mA
65mA
70mA
75mA
Figure 23. Gain vs. Frequency for Various Supply Currents, VDD = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com