Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC206-DS04-R Datasheet(PDF) 22 Page - Broadcom Corporation.

Part # AC206-DS04-R
Description  2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC206-DS04-R Datasheet(HTML) 22 Page - Broadcom Corporation.

Back Button AC206-DS04-R Datasheet HTML 18Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 19Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 20Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 21Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 22Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 23Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 24Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 25Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 26Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 70 page
background image
AC206
Preliminary Data Sheet
07/08/02
B roa dcom
Page 10 Addressing Algorithm, Routing, Learning and Aging
Document
AC206-DS05-405-R
LEARNING PROCESS
The address learning process is composed of the SA packets and the addressing algorithm described above. The bridge
checks each incoming packets integrity and buffers availability. If a packet is error-free and the buffer is available, the SA/port
number pair of the packet is written into the address lookup table. The following figure describes the general operations of
address learning and recognition.
Figure 3: Address Learning and Recognition
AGING TIME
The switch automatically examines the status of address lookup table. The round robin speed and checking timer are
dependent on the aging time. The switch aging time is set at 300s. When the aging timer is started after power on, the switch
guaranties that free spaces can be released from occupied address entries.
FORWARDING SCHEME
The store-and-forward algorithm is used. The incoming packet has to be completely stored in the buffer and verified error-
free before forwarding operations take place.
Xor Hashing Function
DA or SA
[9:0]
Address
Entry Point
AAA-1
AAA
AAA+1
Address Lookup Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com