Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC206-DS04-R Datasheet(PDF) 40 Page - Broadcom Corporation.

Part # AC206-DS04-R
Description  2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC206-DS04-R Datasheet(HTML) 40 Page - Broadcom Corporation.

Back Button AC206-DS04-R Datasheet HTML 36Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 37Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 38Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 39Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 40Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 41Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 42Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 43Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 44Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 70 page
background image
AC206
Preliminary Data Sheet
07/08/02
B roa dcom
Page 28 PHY Registers
Document
AC206-DS05-405-R
PHY INTERRUPT CONTROL/STATUS REGISTER
Table 31: PHY Interrupt Control/Status Register
Register
Bit
Name
Description
Mode Default
17.15
Jabber_IE
Jabber Interrupt Enable.
RW
0
17.14
Rx_Er_IE
Receive Error Interrupt Enable.
RW
0
17.13
Page_Rx_IE
Page Received Interrupt Enable.
RW
0
17.12
PD_Fault_IE
Parallel Detection Fault Interrupt Enable.
RW
0
17.11
LP_Ack_IE
Link Partner Acknowledge Interrupt Enable.
RW
0
17.10
Link_Schange_ IE
Link Status Changed Interrupt Enable.
RW
0
17.9
R_Fault_IE
Remote Fault Interrupt Enable.
RW
0
17.8
Aneg_Comp_IE
Auto-Neg Complete Interrupt Enable.
RW
0
17.7
Jabber_Int
This bit is set when a jabber event is detected.
RC
0
17.6
Rx_Er_Int
This bit is set when RX_ER transitions high.
RC
0
17.5
Page_Rx_Int
This bit is set when a new page is received from link partner during
Auto-Negotiation.
RC
0
17.4
PD_Fault_Int
This bit is set when parallel detect fault is detected.
RC
0
17.3
LP_Ack_Int
This bit is set when the FLP with acknowledge bit set is received.
RC
0
17.2
Link_Schanged Int
This bit is set when link status is changed.
RC
0
17.1
R_Fault_Int
This bit is set when remote fault is detected.
RC
0
17.0
A_Neg_Comp Int
This bit is set when Auto-Neg is completed.
RC
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com