Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC206-DS04-R Datasheet(PDF) 52 Page - Broadcom Corporation.

Part # AC206-DS04-R
Description  2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC206-DS04-R Datasheet(HTML) 52 Page - Broadcom Corporation.

Back Button AC206-DS04-R Datasheet HTML 48Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 49Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 50Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 51Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 52Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 53Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 54Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 55Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 56Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 70 page
background image
AC206
Preliminary Data Sheet
07/08/02
B roa dcom
Page 40 Operating Range
Document
AC206-DS05-405-R
100 BASE-TX TRANSCEIVER CHARACTERISTICS
10 BASE-T TRANSCEIVER CHARACTERISTICS
Table 49: 100 BASE-TX Transceiver Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Peak to Peak Differential Output
Voltage
Vp
Note 1
1.9
2.0
2.1
V
Output Voltage Symmetry
Vss
Note 1
0.98
1.02
mV
Signal Rise/Fall Time
Trf
Note 1
3.0
5.0
ns
Rise/Fall Time Symmetry
Trfs
Note 1
0
0.5
ns
Duty Cycle Distortion
Dcd
0
0.5
ps
Overshoot/Undershoot
Vos
5
%
Output Jitter
Scrambled Idle
1.4
ns
Receive Jitter Tolerance
4ns
Output Current High
Ioh
1:1 Transformer
40
mA
Output Current High
Ioh
1.25:1 Transformer
32
mA
Common Mode Input Voltage
1.25
V
Differential Input Resistance
4
K
Ω
Note 1: 50
Ω (± 1%) resistor to VCC on each output
Table 50: 10 BASE-T Transceiver Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Peak to Peak Differential Output
Voltage
Vop
Note 1
4.5
5
5.5
V
Start of Idle Pulse Width
300
350
ns
Output Jitter
1.4
ns
Receive Jitter Tolerance
32
ns
Differential Squelch Threshold
Vds
300
400
500
mV
Common Mode Rejection
25
V
Note 1: 50
Ω (± 1%) resistor to VCC on each output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com