Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC206-DS04-R Datasheet(PDF) 47 Page - Broadcom Corporation.

Part # AC206-DS04-R
Description  2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC206-DS04-R Datasheet(HTML) 47 Page - Broadcom Corporation.

Back Button AC206-DS04-R Datasheet HTML 43Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 44Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 45Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 46Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 47Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 48Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 49Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 50Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 51Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 70 page
background image
Preliminary Data Sheet
AC206
07/08/02
B roa dcom
Document
AC206-DS05-405-R
EEPROM Table
Page 35
EEPROM TABLE
EEPROM is used to configure the initial setting of Bridge, Repeater, and Transceiver.
Table 43: EEPROM
Address
Description
Default
Assign to
0First Word
5A3C
1
Test Configuration Register0
0080
PHY=8, Reg=28
2
Initial Repeater Configuration Register
0180
PHY=8, Reg=6
3
Bridge Configuration Register
D000
PHY=8, Reg=7
4
Reserved
3000
5
Reserved
3000
6
Initialize Port 1 Configuration Register
3000
PHY=2, Reg=0
7
Initialize Port 2 Configuration Register
3000
PHY=3, Reg=0
8
Initialize Port 3 Configuration Register
3000
PHY=4, Reg=0
9
Initialize Port 4 Configuration Register
3000
PHY=5, Reg=0
10
Initialize Port 5 Configuration Register
3000
PHY=6, Reg=0
11
Reserved
3000
12
LED Effect with Partition/Isolation Event
1000
PHY=8, Reg=18
13
LED Effect with Link Event
0330
PHY=8, Reg=19
14
LED Effect with Activity (CRS) Event
0030
PHY=8, Reg=20
15
LED Effect with AutoNeg Event
0000
PHY=8, Reg=21
16
LED Effect with Speed 100 Event
0200
PHY=8, Reg=22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com