Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC206-DS04-R Datasheet(PDF) 34 Page - Broadcom Corporation.

Part # AC206-DS04-R
Description  2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC206-DS04-R Datasheet(HTML) 34 Page - Broadcom Corporation.

Back Button AC206-DS04-R Datasheet HTML 30Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 31Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 32Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 33Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 34Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 35Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 36Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 37Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 38Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 70 page
background image
AC206
Preliminary Data Sheet
07/08/02
B roa dcom
Page 22 Register Description
Document
AC206-DS05-405-R
BRIDGE CONFIGURATION REGISTER
Table 21: Bridge Configuration Register
Name
Type
Address
Description
Bridge Configuration
Register
R/W
07
Used to configure Bridge.
Bit
Name
Type
Description
Default
15
Watch Dog Reset
R/W
1 = reset when WDOG even occur
0 = does not reset when WDOG even occur
1
14
Loose Length
R/W
1 = receives frame with length from 1519 to 1548
0 = rejects frame with length over 1518
1
13
Dribble Error
R/W
1 = enable, 0:disable receive dribble error packets
0
12
Address Table
Initialization Disable
R/W
1 = disable, 0:enable address table init.
While this bit is 1, the address table only contains few entries
for speed up function verification.
0
11
Aging Speed Up
R/W
1 = enable, 0:disable aging speed up
0
10
10M Back Pressure
R/W
1 = enable, 0:disable 10M back pressure function
0
9
100M Back Pressure
R/W
1 = enable, 0:dieable 100M back pressure function
0
8
Collision Test
R/W
1 = enable, 0:disable collision test
0
7:0
Reserved
R
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com