Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC206-DS04-R Datasheet(PDF) 26 Page - Broadcom Corporation.

Part # AC206-DS04-R
Description  2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC206-DS04-R Datasheet(HTML) 26 Page - Broadcom Corporation.

Back Button AC206-DS04-R Datasheet HTML 22Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 23Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 24Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 25Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 26Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 27Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 28Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 29Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 30Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 70 page
background image
AC206
Preliminary Data Sheet
07/08/02
B roa dcom
Page 14 Pin Descriptions
Document
AC206-DS05-405-R
Table 6: Reverse Media Independent Interface Pins
Pin Name
Pin #
Type
Description
RvMII_TXD3 (MII_RXD3)
RvMII_TXD2 (MII_RXD2)
RvMII_TXD1 (MII_RXD1)
RvMII_TXD0 (MII_RXD0)
38
37
36
35
O
MII Transmit Data. The MAC sources RvMII_TXD[3:0]
synchronous with RvMII_TXCLK when RvMII_TXEN is asserted.
RvMII_TXCLK
(MII_TXCLK)
33
I,D,S
MII Transmit Clock. Continuous (25 MHz/2.5 MHz) clock output
used by MAC to synchronize RvMII_TXEN, RvMII_TXD[3:0], and
RvMII_TXER.
RvMII_TXEN (MII_RXDV)
28
O
MII Transmit Enable. Indicates MAC has presented valid data on
the RvMII_TXD[3:0].
RvMII_RXD3 (MII_TXD3)
RvMII_RXD2 (MII_TXD2)
RvMII_RXD1 (MII_TXD1)
RvMII_RXD0 (MII_TXD0)
44
43
42
41
I,D
MII Receive Data. The PHY sources RvMII_RXD[3:0]
synchronous with RvMII_RXCLK when RvMII_RXDV is asserted.
RvMII_RXCLK
(MII_RXCLK)
31
I,D,S
MII Transmit Clock. Continuous (25 MHz/2.5 MHz) clock output
used by MAC to synchronize RvMII_RXDV, RvMII_RXD[3:0], and
RvMII_RXER.
RvMII_RXDV (MII_TXEN)
40
I,D
MII Receive Data-Valid. PHY has presented valid recovered on
the RvMII_RXD[3:0].
RvMII_CRS (MII_CRS)
29
I,D
RvMII Carrier Sense. Active when carrier has been sensed.
RvMII_RXER (MII_RXER)
34
I,D
RvMII Receive Error. Indicates PHY has received invalid symbol
data.
RvMII_COL (MII_COL)
30
I,D
RvMII Collision Detection. Active when collision is detected.
Table 7: Seven-Wire (Serial Network Interface) Pins
Pin Name
Pin #
Type
Description
SNI_TXD (MII_TXD0)
41
I,D
Serial Transmit Data. The MAC sources SNI_TXD synchronous
with SNI_TXCLK when SNI_TXEN is asserted.
SNI_TXCLK (MII_TXCLK)
33
O
Serial Transmit Clock. Continuous (10 MHz) clock output used
by MAC to synchronize SNI_TXEN and SNI_TXD.
SNI_TXEN (MII_TXEN)
40
I,D
Serial Transmit Enable. Indicates MAC has presented valid data
on the SNI_TXD.
SNI_RXD (MII_RXD0)
35
O
Serial Receive Data. The PHY sources SNI_RXD synchronous
with SNI_RXCLK when SNI_CRS is asserted.
SNI_RXCLK (MII_RXCLK)
31
O
Serial Receive Clock. Continuous (10 MHz) clock output used by
MAC to synchronize SNI_CRS and SNI_RXD.
SNI_CRS (MII_CRS)
29
O
Serial Carrier Sense. Active when carrier has been sensed.
SNI_COL (MII_COL)
30
O
Serial Collision Detection. Active when collision is detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com