Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC206-DS04-R Datasheet(PDF) 41 Page - Broadcom Corporation.

Part # AC206-DS04-R
Description  2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC206-DS04-R Datasheet(HTML) 41 Page - Broadcom Corporation.

Back Button AC206-DS04-R Datasheet HTML 37Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 38Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 39Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 40Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 41Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 42Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 43Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 44Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 45Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 70 page
background image
Preliminary Data Sheet
AC206
07/08/02
B roa dcom
Document
AC206-DS05-405-R
PHY Registers
Page 29
DIAGNOSTIC REGISTER
CABLE LENGTH REGISTER
Table 32: Diagnostic Register
Register
Bit
Name
Description
Mode
Default
18.15
Lp_lpbk
Link pulse loopback.
1 = loopback the link pulse for auto-negotiation testing
RW
0
18.14
Send_nlp
1 = force link pulse generator to send nlp event in auto-negotiation
mode.
RW
0
18.13
Force link
pass bt
1 = force 10BASE-T link pass
RW
0
18.12
Force link
pass tx
1 = force 100 TX link pass
RW
0
18.11
DPLX
This bit indicates the result of the Auto-Neg for duplex arbitration.
RO
0
18.10
Speed
This bit indicates the result of the Auto-Neg for data speed arbitration.
RO
X
18.9
RX_PASS
In 10BASE-T mode, this bit indicates that Manchester data has been
detected.
In 100BASE-T mode, it indicates valid signal has been received but
not necessarily locked on to.
RC
X
18.8
RX_LOCK
Indicates the receive PLL has locked onto the received signal for the
selected speed of operation (10BASE-T or 100BASE-TX). This bit is
set whenever a cycle-slip occurs, and will remain set until it is read.
RC
X
18.[7:4]
ARB_STATE
HIGHEST
Highest state of Auto-Negotiation state machine since reset on last
read operation.
RC
TBD
18.[3:0]
ARB_STATE
LOWEST
Lowest state of Auto-Negotiation state machine since reset on last
read operation.
RC
TBD
Table 33: Cable Length Register
Register
Bit
Name
Description
Mode
Default
20.[15:9]
Reserved
RO
0000000
20.8
Adaptation
disable
1 = Disable adaptation
RW
0
20.[7:4]
Cable
Length
Indication
These bits indicate cable length from 0 to 150m. Each bit represents
10m. For example, if the cable length is 100m then bits [7:4] = 1010.
These bits are only applicable to 100TX mode.
RW
XXXX
20.[3:0]
Adaptation
Low limit
Adaptation setting, when SD signal is first detected.
RO
XXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com