Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC206-DS04-R Datasheet(PDF) 37 Page - Broadcom Corporation.

Part # AC206-DS04-R
Description  2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC206-DS04-R Datasheet(HTML) 37 Page - Broadcom Corporation.

Back Button AC206-DS04-R Datasheet HTML 33Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 34Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 35Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 36Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 37Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 38Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 39Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 40Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 41Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 70 page
background image
Preliminary Data Sheet
AC206
07/08/02
B roa dcom
Document
AC206-DS05-405-R
PHY Registers
Page 25
PHY IDENTIFIER 2 REGISTER
AUTO-NEGOTIATION ADVERTISEMENT REGISTER
AUTO-NEGOTIATION LINK PARTNER ABILITY REGISTER
Table 25: PHY Identifier 2 Register
Register
Bit
Name
Description
Mode
Default
3.15:10
OUI
Assigned to the nineteenth through twenty-fourth bits of the OUI.
RO
010101
3.9:4
Model
Number
Six bit manufacturer’s model number; 101 is encoded as 010001.
RO
010100
3.3:0
Revision
Number
Four bits manufacturer’s revision number. 0001 stands for Rev. A,
and so on.
RO
0001
Table 26: Auto-Negotiation Advertisement Register
Bit
Name
Definition
Mode
Default
4.15
Next Page
1 = Desire Next Page.
0 = Next Page is not desired.
RW
0
4.14
Acknowledge
This bit is set internally after receiving three consecutive and
consistent FLP bursts.
RO
0
4.13
Remote Fault
1 = Remote fault detected.
0 = No remote fault.
RW
0
4.12:10
Reserved
For future technology.
RW
000
4.9
100BASE-T4
Tied to 0 indicates no 100BASE-T4 support.
RO
0
4.8
100BASE-TX
Full-duplex
1 = 100BASE-TX with full-duplex.
0 = No 100BASE-TX full-duplex ability.
RO
0
4.7
100BASE-TX
1 = 100BASE-TX capable.
0 = No 100BASE-TX capability.
RW
1
4.6
10BASE-T Full-
duplex
1 = 10 Mbps with full-duplex.
0 = No 10 Mbps with full-duplex capability.
RO
0
4.5
10BASE-T
1 = 10 Mbps capable.
0 = No 10 Mbps capability.
RW
1
4.4:0
Selector Field
[00001] = IEEE 802.3.
RO
00001
Table 27: Auto-Negotiation Link Partner Ability Register
Register
Bit
Name
Description
Mode
Default
5.15:0
Technology
Technology capability field, which indicates the technology capability
of link partner. The bit definition is the same as Reg. 4.15:0.
RO
0001(H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com