Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC206-DS04-R Datasheet(PDF) 32 Page - Broadcom Corporation.

Part # AC206-DS04-R
Description  2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC206-DS04-R Datasheet(HTML) 32 Page - Broadcom Corporation.

Back Button AC206-DS04-R Datasheet HTML 28Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 29Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 30Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 31Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 32Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 33Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 34Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 35Page - Broadcom Corporation. AC206-DS04-R Datasheet HTML 36Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 70 page
background image
AC206
Preliminary Data Sheet
07/08/02
B roa dcom
Page 20 Register Description
Document
AC206-DS05-405-R
PHY PORT STATUS REGISTER
8
0
PHY Port Link Status
RO
8
1
PHY Port Polarity Status
RO
8
2
PHY Port Partition Status for 100Mb
RO
8
3
PHY Port Partition Status for 10Mb
RO
8
4
PHY Port Speed Status
RO
8
5
PHY Port Isolation Status
RO
8
6
Initial Repeater Configuration Register
R/W
8
7
Bridge Configuration Register
R/W
8
8
Device Revision Number
RO
8
18
LED Effect with Partition/Isolation Event
R/W
8
19
LED Effect with Link Event
R/W
8
20
LED Effect with Activity (CRS) Event
R/W
8
21
LED Effect with AutoNeg Event
R/W
8
22
LED Effect with Speed100 Event
R/W
8
23
LED Register Control Mode
R/W
Table 18: PHY Port Status Register
Name
Type
Address
Description
PHY Port Link Status
R
00
1 = Link good
0 = Default
PHY Port Polarity Status
R
01
1 = The polarity has been crossed
0 = Default
PHY Port Partition Status for 100 Mb
R
02
1 = The port has been partitioned
0 = Default
PHY Port Partition Status for 10 Mb
R
03
1 = The port has been partitioned
0 = Default
PHY Port Speed Status
R
04
1 = 100M
0 = 10M
0 = Default
PHY Port Isolation Status (Fast Ethernet Only)
R
05
1 = The port has been isolated
0 = Default
Table 19: PHY Port Status
15:9
8
7
6
5
4
3
2
1
0
RSV
MII
RSV
Port 5
Port 4
Port 3
Port 2
Port 1
RSV
RSV
Table 17: Register Set (Cont.)
PHY Addr
Register Addr
Definition
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com