Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDSCB10M7GA085-R0 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # CDSCB10M7GA085-R0
Description  Specification of Piezoelectric Ceramic Discriminator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CDSCB10M7GA085-R0 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  CDSCB10M7GA085-R0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
仕様書番号
Drawing No. JGM40-2135C
P. 4/17
株式会社 村 田 製 作 所
Murata Manufacturing Co.,Ltd.   
 5-3 測定回路 Measuring Circuit
Ceramic Discriminator:CDSCB10M7GA085-R0
1
2
3
4
5
6
7
8
9
101112
24
23
22
21
20
19
18
17
16
15
14
13
S.S.G.
SA639DH(PHILIPS)
Vcc
+
(3.0V)
C.D.
D.C. OUT
AF OUT
10
2.2μ
C.D. : Ceramic
Discriminator
単位 Unit
R : [
Ω]
C : [F]
L : [H]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com