Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDSCB10M7GA085-R0 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # CDSCB10M7GA085-R0
Description  Specification of Piezoelectric Ceramic Discriminator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CDSCB10M7GA085-R0 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  CDSCB10M7GA085-R0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
仕様書番号
Drawing No. JGM40-2135C
P. 1/17
株式会社 村 田 製 作 所
Murata Manufacturing Co.,Ltd.   
納 入 仕 様 書
Specification of Piezoelectric Ceramic Discriminator
CDSCB10M7GA085-R0
1. 適 用 Scope
当納入仕様書は、FM受信機のFM復調回路に使用するセラミックディスクリミネータにつ
いて規定します。この用途以外にご使用の場合は事前に当社へご連絡下さい。
This product specification is applied to the ceramic discriminator intended for use in FM
detection circuits. Please contact us before using the product in any applications not
described above.
2. 品番 及び 貴社関連事項 Part Number
3. 定 格 Rating
決定年月日
Date
August 8, 2006
承 認
Approved by
確 認
Checked by
担 当
Issued by
当 社 品 番
Murata Part Number
貴 社 部 品 番 号
Customer's Part Number
貴 社 仕 様 書 番 号
Customer's Drawing Number
CDSCB10M7GA085-R0
項 目
Item
規 格
Specification
3-1
 耐電圧 (各端子間)
 Withstanding Voltage (Between each Terminals)
D.C. 50V, 1 分 以下
  D.C. 50V, 1 minute max.
3-2
 絶縁抵抗 (各端子間)
 Insulation Resistance (Between each Terminals)
100M
Ω 以上 (D.C. 100V)
100M
Ω min. (D.C. 100V)
3-3
 動作温度範囲
 Operating Temperature Range
-20 ~ +80
°C
-20 to +80
°C
3-4
 保存温度範囲
 Storage Temperature Range
 
-40 ~ +85
°C
  -40 to +85
°C


Similar Part No. - CDSCB10M7GA085-R0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CDSCB10M7GA105A-R0 MURATA-CDSCB10M7GA105A-R0 Datasheet
208Kb / 3P
Operating Temperature Range
logo
Murata Manufacturing Co...
CDSCB10M7GA105A-R0 MURATA1-CDSCB10M7GA105A-R0 Datasheet
1Mb / 77P
(Filters/Traps/Discriminators) for Audio/Visual Equipment
CDSCB10M7GA105A-R0 MURATA1-CDSCB10M7GA105A-R0 Datasheet
329Kb / 3P
Ceramic Discriminators
04/16/2024
CDSCB10M7GA105A-R0 MURATA1-CDSCB10M7GA105A-R0_V01 Datasheet
329Kb / 3P
Ceramic Discriminators
04/16/2024
logo
Murata Manufacturing Co...
CDSCB10M7GA113-R0 MURATA-CDSCB10M7GA113-R0 Datasheet
202Kb / 3P
Operating Temperature Range
More results

Similar Description - CDSCB10M7GA085-R0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSTNE8M00G550000R0 MURATA-CSTNE8M00G550000R0 Datasheet
594Kb / 16P
Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G52A000R0 MURATA-CSTNE12M0G52A000R0 Datasheet
1,001Kb / 19P
Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G55Z000R0 MURATA-CSTNE12M0G55Z000R0 Datasheet
599Kb / 16P
Specification of Piezoelectric Ceramic Resonator
CSTNE12M0GH5L000R0 MURATA-CSTNE12M0GH5L000R0 Datasheet
602Kb / 16P
Specification of Piezoelectric Ceramic Resonator
CSTNE16M0V530000R0 MURATA-CSTNE16M0V530000R0 Datasheet
595Kb / 16P
Specification of Piezoelectric Ceramic Resonator
CSTNE16M0VH3C000R0 MURATA-CSTNE16M0VH3C000R0 Datasheet
660Kb / 19P
Specification of Piezoelectric Ceramic Resonator
CSTNE16M0VH3L000R0 MURATA-CSTNE16M0VH3L000R0 Datasheet
601Kb / 16P
Specification of Piezoelectric Ceramic Resonator
CSTNE20M0V53C000R0 MURATA-CSTNE20M0V53C000R0 Datasheet
646Kb / 19P
Specification of Piezoelectric Ceramic Resonator
logo
Murata Manufacturing Co...
CSTLS3M64G53-A0 MURATA1-CSTLS3M64G53-A0_V01 Datasheet
339Kb / 2P
Specification of Piezoelectric Ceramic Resonator
March 23, 2017
CSTLS4M91G53-A0 MURATA1-CSTLS4M91G53-A0_V01 Datasheet
339Kb / 15P
Specification of Piezoelectric Ceramic Resonator
March 23, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com