Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDSCB10M7GA085-R0 Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # CDSCB10M7GA085-R0
Description  Specification of Piezoelectric Ceramic Discriminator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CDSCB10M7GA085-R0 Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button CDSCB10M7GA085-R0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
仕様書番号
Drawing No. JGM40-2135C
P. 8/17
株式会社 村 田 製 作 所
Murata Manufacturing Co.,Ltd.   
    ※
注意 : 製品はいずれの試験前後においても、チップ単体として測定します。
     
Note : Shall be measured without any additional components
     
for each of the above mentioned tests.
第1表
Table 1
       ※ 注意
: 各変化量は試験前の初期値を基準とします。
         Note
: The limits in the above table refer to
the initial measurements.
Item
試 験 条 件
Test Condition
試験後の規格
Specification
After Test
8-3
高温放置
Dry Heat
(Storage)
温度+85
±2°Cの恒温槽中に1000時間保持し、常
温に取出して、1時間後に測定する。
Components
shall
be
left
in
a
chamber
(Temperature: +85
±2°C) for 1000 hours, then
measured after leaving in natural condition for 1
hour.
8-4
低温放置
Cold
(Storage)
温度-40
±2°Cの恒温槽中に1000時間保持し、常
温に取出して、1時間後に測定する。
Components
shall
be
left
in
a
chamber
(Temperature: -40
±2°C) for 1000 hours, then
measured after leaving in natural condition for 1
hour.
8-5
熱衝撃特性
Thermal Shock
温度 -55
°Cの恒温槽中に30分間保持後、温度
+85
°Cの恒温槽中に直ちに移し、30分間保持す
る。これを1サイクルとし、全200サイクル行
い、常温に取り出して1時間後に測定する。
After performing 200 cycles of thermal test
(-55
°C 30 minutes to +85°C 30 minutes),
components shall be left in natural condition for
1 hour.
第1表を
満足します。
The measured
value shall meet
Table 1.
Item
Specification After Test
※ 中心周波数の変化
Center Frequency Drift
±30kHz 以内 / max.
復調出力電圧の変化
Recovered Audio Output Voltage Drift
±2dB 以内 / max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com