Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDSCB10M7GA085-R0 Datasheet(PDF) 16 Page - Murata Manufacturing Co., Ltd.

Part # CDSCB10M7GA085-R0
Description  Specification of Piezoelectric Ceramic Discriminator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CDSCB10M7GA085-R0 Datasheet(HTML) 16 Page - Murata Manufacturing Co., Ltd.

Back Button CDSCB10M7GA085-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
仕様書番号
Drawing No. JGM40-2135C
P. 16/17
株式会社 村 田 製 作 所
Murata Manufacturing Co.,Ltd.   
12. 製品保管上の注意
Notice on product storage
12-1
温度-10~+40℃、相対湿度15~85%で、急激な温湿度変化のない室内で保管下さい。
Please store the products in room where the temperature / humidity is stable. And avoid such
places where there are large temperature changes. Please store the products under the
following conditions : Temperature
: -10 to +40 (degree C)
Humidity
: 15 to 85% R.H.
12-2
製品保管期限は未開梱、未開封状態にて、納入後6ヶ月間です。納入後6ヶ月以内でご使用下
さい。6ヶ月を越える場合ははんだ付け性等をご確認の上、ご使用下さい。
Expire date (Shelf life) of the products is 6 months after delivery under the conditions of a
sealed and an unopened package. Please use the products within 6 months after delivery.
If you store the products for a long time ( more than 6months ), use carefully because the
products may be degraded in the solder-ability and/or rusty. Please confirm solder-ability and
characteristics for the products regularly.
12-3
酸、アルカリ、塩、有機ガス、硫黄等の化学的雰囲気中で保管されますとはんだ付け性の劣
化不良等の原因となりますので、化学的雰囲気中での保管は避けて下さい。
Please do not store the products in a chemical atmosphere (Acids, Alkali, Bases, Organic gas,
Sulfides and so on), because the characteristics may be reduced in quality, and/or be
degraded in the solder-ability due to the storage in a chemical atmosphere.
12-4
湿気、塵等の影響を避けるため、床への直置きは避けて保管下さい。
Please do not put the products directly on the floor without anything under them to avoid damp
places and/or dusty places.
12-5
直射日光、熱、振動等が加わる場所での保管は避けて下さい。
Please do not store the products in the places such as : in a damp heated place, in a place
where direct sunlight comes in, in place applying vibrations.
12-6
開梱、開封後、長期保管された場合、保管状況によっては、はんだ付け性等が劣化する可能
性があります。開梱、開封後は速やかにご使用下さい。
Please use the products immediately after the package is opened, because the characteristics
may be reduced in quality, and/or be degraded in the solder-ability due to storage under the
poor condition.
12-7
製品落下により、製品内部のセラミック素子の割れ等の原因となりますので、容易に落下し
ない状態での保管とお取扱いをお願い致します。
Please do not drop the products to avoid cracking of ceramic element.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com