Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDSCB10M7GA085-R0 Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # CDSCB10M7GA085-R0
Description  Specification of Piezoelectric Ceramic Discriminator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CDSCB10M7GA085-R0 Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button CDSCB10M7GA085-R0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
仕様書番号
Drawing No. JGM40-2135C
P. 6/17
株式会社 村 田 製 作 所
Murata Manufacturing Co.,Ltd.   
7. 機械的性能 Physical Characteristics
項 目
Item
試 験 条 件
Test Condition
試験後の規格
Specification
After Test
7-1
基板たわみ強度
Bend Strength PCB
下図に示す様に加圧し、1回1秒の割合で5回加
圧する。プリント基板は第1図を使用します。
After components soldered on PCB specified in
Fig. 1, the load shall be applied to the PCB as
shown in below figure for 5 times (1 second per
1 time).
R10
10
ø5
Supporting rod
支持台
Off center
試験部品
Sample under the test
45
45
中心位置ずれ
±1.0
PCB
load
加圧
20
Pressing rod
加圧治具
基板厚み / PCB thickness : 0.8mm
単位 / unit : mm
第1表を
満足します。
The measured
value shall meet
Table 1.
7-2
はんだ付性
Solderability
LFはんだ (Sn-3Ag-0.5Cu)
PCT装置にて温度+105
°C、湿度100%R.H.飽和
の条件で、4時間のエージングをした後、端子
部分 をロ ジン メタ ノー ル液 に 5秒浸 した 後 、
+245
±5°Cの溶融はんだ中に3±0.5秒間浸す。
LF Solder (Sn-3Ag-0.5Cu)
After being kept in pressure cooker at +105
°C
temperature
and
100%R.H.
for
4
hours,
terminals of components shall be immersed in a
soldering bath at temperature of
+245
±5°C for
3
±0.5 seconds after being placed in a rosin-
methanol for 5 seconds.
端子の 90% 以上に
はんだが付 着 しま
す。
The solder shall
coat at least 90%
of the surface of
terminal.
7-3
耐振動性
Vibration
Resistance
振動周波数10 ~ 55Hz 全振幅1.5mmの振動を
X.Y.Zの3方向に各2時間加えた後測定する。
Applying the vibration of amplitude 1.5mm and
vibration frequency 10 to 55Hz in each of 3
perpendicular directions for 2 hours.
7-4
耐落下衝撃
Random Drop
1.0mの高さから、木板上に3回自然落下させた
後測定する。
Shall be measured after 3 time random dropping
on the wooden plate from the height of 1.0m.
第1表を
満足します。
The measured
value shall meet
Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com