Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDSCB10M7GA085-R0 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # CDSCB10M7GA085-R0
Description  Specification of Piezoelectric Ceramic Discriminator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CDSCB10M7GA085-R0 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  CDSCB10M7GA085-R0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
仕様書番号
Drawing No. JGM40-2135C
P. 3/17
株式会社 村 田 製 作 所
Murata Manufacturing Co.,Ltd.   
5. 測定方法 Measuring Method
5-1-1
入力信号条件
入力レベル : 100dB
µV  音声変調周波数 : 1kHz
周波数偏移 :
±75kHz
Input Signal
Input Level : 100dB
µV  Modulation Frequency : 1kHz
Frequency Deviation :
±75kHz
5-1-2
中心周波数 (fo)
foは、測定回路にて9番端子のD.C.出力電圧が1.40Vとなる
点とします。
Center Frequency (fo)
Center frequency is defined as the frequency where D.C.
output voltage at 9 pin shall correspond to 1.40V.
5-1-3
復調出力電圧
中心周波数 (fo) における復調出力電圧とします。
Recovered Audio
It is defined as the recovered audio output voltage at center
Output Voltage
frequency (fo).
5-1-4
復調歪率
中心周波数 (fo) における復調信号の歪率とします。
Distortion
It is defined as the distortion at center frequency (fo).
5-1-5
復調3dB帯域幅
搬送周波数を変化させるとき、復調出力電圧が中心周波数
(fo) における値に対し3dB減少する上下2点の幅とします。
Recovered Audio
It is defined as the difference between the two frequencies
3dB Bandwidth
where the recovered audio voltage gets 3dB down from the
level at center frequency (fo).
5-2
測定条件
Measuring Condition
温度+25
±3°C、湿度65±5%R.H.を標準測定状態とし、特に疑義を生じない場合は、温度
+20
±15°C、湿度65±20%R.H.の範囲内で測定します。
Standard conditions for the measurement shall be +25
±3°C temperature and 65±5%R.H.
humidity. The measurement shall be performed at the temperature of +20
±15°C and the
humidity of 65
±20%R.H. unless otherwise the result is doubtful.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com