Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDSCB10M7GA085-R0 Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # CDSCB10M7GA085-R0
Description  Specification of Piezoelectric Ceramic Discriminator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CDSCB10M7GA085-R0 Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button CDSCB10M7GA085-R0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
仕様書番号
Drawing No. JGM40-2135C
P. 7/17
株式会社 村 田 製 作 所
Murata Manufacturing Co.,Ltd.   
8. 耐候性能 Environmental Characteristics
Item
試 験 条 件
Test Condition
試験後の規格
Specification
After Test
8-1
耐湿特性
Damp Heat
(Storage)
温度+60
±2°C湿度90 +−
5
0
%R.H.の恒温恒湿槽中に
て1000時間保持した後、常温に取り出して1時
間後に測定する。
Components shall be left in a chamber (90 to
95% R.H. at +60
±2°C) for 1000 hours, then
measured after leaving in natural condition for 1
hour.
はんだ耐熱性
Resistance to
Soldering Heat
(1)リフロー方式
Re-flow
Soldering
下記プロファイルのリフロー炉に2回通した後、
常温に取り出して4時間後に測定する。
Shall be measured after applying twice of the
re-flow soldering with following temperature
profile and leaving in natural condition for 4
hours.
Gradual
Cooling
徐冷
加熱部
Heating
Pre-heating
ピーク
Peak
予熱
(150-180°C)
60 – 120 秒 / sec.
(230°C)
(260°C 以下 / max.)
30 秒以上
sec. min.
40 秒以内
sec. max.
120 秒以上
sec. min.
100
230
260
8-2
(2)コテ付方式
Soldering
Iron
温度+300
±5°Cで3.0±0.5秒間当て、常温に4時間
放置後に測定する。但し、はんだこて先は電極
部に直接接触しない事とする。
Shall be measured after soldering at +300
±5°C
for 3.0
±0.5 seconds and leaving in natural
condition for 4 hours. The soldering iron shall not
touch the components while soldering.
第1表を
満足します。
The measured
value shall meet
Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com