Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDSCB10M7GA085-R0 Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd.

Part # CDSCB10M7GA085-R0
Description  Specification of Piezoelectric Ceramic Discriminator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CDSCB10M7GA085-R0 Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button CDSCB10M7GA085-R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
仕様書番号
Drawing No. JGM40-2135C
P. 11/17
株式会社 村 田 製 作 所
Murata Manufacturing Co.,Ltd.   
  9-2 リール外形寸法図 Dimension of Reel
単位 Unit:mm
9-3
テーピング方法
Taping Method
9-3-1
テープは右巻き(テープの端を手前に取り出した時、送り穴が右側になる)とします。
The carrier tape shall be wound clockwise. The feeding holes shall be to the right side as the
tape is pulled toward the user.
9-3-2
トレーラー部には160 ~ 190mm、リーダテープ部には240 ~ 280mmのチップの入ってい
ない部分を設けます。リーダ部のテープの長さはチップの入っていない部分を含み400 ~
560mm 設けます。(第2図)
Empty tape area of 160 to 190mm shall be kept at the end of the tape (Trailer Cavity) and 240
to 280mm at the beginning of the tape (Leader Cavity). Extended cover film shall be kept for
400 to 560mm long including leader cavity area. (Fig. 2)
9-3-3
テープの巻き終わりは、接着テープ(30 ~ 50mm)でカバーテープのリーダー部をリール
側面に貼りつけます。
The tip of the cover film shall be adhered to the side of reel with adhesive tape (30 to 50mm).
9-3-4
カバーテープの170
°反転引きはがし強度は0.1 ~ 0.7N(参考値)とします。
Peel strength shall be 0.1 to 0.7N (reference) for the cover film as it is pulled at angle of 170
degrees.
2.0±0.5
ø13.0±0.5
17.0±1.0
13.0 +1.0
- 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com