Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDSCB10M7GA085-R0 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # CDSCB10M7GA085-R0
Description  Specification of Piezoelectric Ceramic Discriminator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CDSCB10M7GA085-R0 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  CDSCB10M7GA085-R0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CDSCB10M7GA085-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
仕様書番号
Drawing No. JGM40-2135C
P. 2/17
株式会社 村 田 製 作 所
Murata Manufacturing Co.,Ltd.   
4. 電気的性能 Electrical Characteristics
項 目
Item
規 格
Specification
4-1
 中心周波数 (fo)
 Center Frequency (fo)
ランク
Rank
: 周波数
: Frequency
A:10.700MHz
±30kHz
4-2
 復調出力電圧 (foにて)
 Recovered Audio Output Voltage (at fo)
67mV 以上 / min.
4-3
 復調歪率 (foにて)
 Distortion (at fo)
1.0% 以下 / max.
4-4
 復調3dB帯域幅
 Recovered Audio 3dB Bandwidth
550kHz 以上 / min.
4-5
 温度特性
-20
°C ~ +80°Cの範囲内での
中心周波数 (fo) 変化
Temperature Characteristics
Center Frequency (fo) Drift
within -20
°C to +80°C
temperature range.
+20
°C時基準にて
±50ppm./°C 以内
±50ppm./°C max.
from initial value at +20
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com