Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAM65V05DF1 Datasheet(PDF) 5 Page - ON Semiconductor

Part # FAM65V05DF1
Description  Automotive 3-Phase IGBT Smart Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAM65V05DF1 Datasheet(HTML) 5 Page - ON Semiconductor

  FAM65V05DF1 Datasheet HTML 1Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 2Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 3Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 4Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 5Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 6Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 7Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 8Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
© 2016 Semiconductor Component Industries, LLC
www.onsemi.com
FAM65V05DF1 Rev. 1.0
www.fairchildsemi.com
4
Low side gate driver (x1 monolithic three-channel):
Control circuit under-voltage (UV) protection
Short circuit protection (SC)
Temperature sensing unit
Fault Output
3.3/5 V CMOS/LSTTL compatible, Schmitt trigger input
Timer
FO
CSC
0.5V
CSC filter
UVLO
Filter
W-Phase
LINW
5K
Ω
Pre
Driver
Matching delay
VDD
restart
80mA
LOV
Input Filter
LOW
TSU
(Temperature Sensing Unit)
TSU
U-Phase
LOU
LINU
V-Phase
LINV
TSD
VCC
COM
25V
AS4743X
Figure 5. Low Side gate drivers (block diagram)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com