Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAM65V05DF1 Datasheet(PDF) 15 Page - ON Semiconductor

Part # FAM65V05DF1
Description  Automotive 3-Phase IGBT Smart Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAM65V05DF1 Datasheet(HTML) 15 Page - ON Semiconductor

Back Button FAM65V05DF1 Datasheet HTML 11Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 12Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 13Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 14Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 15Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 16Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 17Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 18Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 19Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
© 2016 Semiconductor Component Industries, LLC
www.onsemi.com
FAM65V05DF1 Rev. 1.0
www.fairchildsemi.com
14
Input Signal
Output Current
Fault Output Signal
Control
Supply Voltage
RESET
UVCCR
Protection Circuit
State
SET
RESET
UVCCD
Filtering
Restart
B1
B2
B3
B4
B6
B7
High-level (no fault output)
B5
Step
Description
B1
Control supply voltage rises above reset voltage UVCCR
B2
Normal operation. IGBT on and carrying current
B3
Control supply voltage falls below detection voltage UVCCD
B4
Filtered supply voltage falls below UVCCD and IGBT turns off
B5
Fault output activated (initial
delay 2
μs, t
FOD min. 50
μs)
B6
Control supply voltage rises above reset voltage UVCCR
B7
IGBT “HI” input is followed after fault output duration and supply voltage
rise
Figure 22. Under-Voltage Protection (Low-side)
Input Signal
Output Current
Fault Output Signal
Control
Supply Voltage
RESET
UVBSR
Protection Circuit
State
SET
RESET
UVBSD
Filtering
Restart
C1
C2
C3
C4
C5
C6
High-level (no fault output)
Step
Description
C1
Control supply voltage rises above reset voltage UVCCR
C2
Normal operation. IGBT on and carrying current
C3
Control supply voltage falls below detection voltage
UVCCD
C4
Filtered supply voltage falls below UVCCD and IGBT turns
off
C5
Control supply voltage rises above reset voltage UVCCR
C6
IGBT “HI” input is followed after supply voltage rise
Figure 23 Under-Voltage Protection (High-side)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com