Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAM65V05DF1 Datasheet(PDF) 6 Page - ON Semiconductor

Part # FAM65V05DF1
Description  Automotive 3-Phase IGBT Smart Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAM65V05DF1 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FAM65V05DF1 Datasheet HTML 2Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 3Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 4Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 5Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 6Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 7Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 8Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 9Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
© 2016 Semiconductor Component Industries, LLC
www.onsemi.com
FAM65V05DF1 Rev. 1.0
www.fairchildsemi.com
5
Absolute Maximum Ratings (TJ = 25°C, Unless Otherwise Specified)
Stresses exceeding the Absolute Maximum Ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability.
Inverter Part
Symbol
Parameter
Condition
Rating
Unit
VPN
Supply voltage
Applied between P- NU, NV, NW
500
V
VPN(Surge)
Supply Voltage (surge)
Applied between P- NU, NV, NW
dI/dt
≤ 3A/ns
575
V
VCES
Collector-emitter Voltage at the
IGBT/diode
TJ=25°C
650
V
± IC
IGBT continuous collector current
TC = 100°C, TJmax=175°C
(Note1)
50
A
± ICP
IGBT peak collector pulse current
TC = 25°C, TJmax=175°C,
VCC=VBS=15V, less than 1ms
(Note 6)
150
A
PC
Collector Dissipation
TC = 25°C per IGBT
333
W
TJ
Junction Temperature
IGBT/Diode
-40 ~ +175
°C
Driver IC
-40 ~ +150
°C
Control Part
Symbol
Parameter
Condition
Rating
Unit
VCC
Control Supply Voltage
Applied between VCC(H), VCC(L) - COM
20
V
VBS
High-side Control Bias Voltage
Applied between VB(U) - VS(U), VB(V) -
VS(V), VB(W) - VS(W)
20
V
VIN
Input Signal Voltage
Applied between IN(UH), IN(VH), IN(WH),
IN(UL), IN(VL), IN(WL) - COM
-0.3 ~ VCC+0.3
V
VFO
Fault Output Supply Voltage
Applied between VFO - COM
-0.3 ~ VCC+0.3
V
IFO
Fault Output Current
Sink Current at VFO Pin
5
mA
VSC
Current Sensing Input Voltage
Applied between CSC - COM
-0.3 ~ VCC+0.3
V
VTS
Temperature sense unit
-0.3 ~ 2/3 x VCC)
V
Total System
Symbol
Parameter
Condition
Rating
Unit
TSTG
Storage Temperature
-40 ~ 125
°C
VISO
Isolation Voltage
60Hz, Sinusoidal, AC 1 minute,
Connection Pins to heat sink plate
2500
Vrms
TLEAD
Max lead temperature at the base
of the package during pcb
assembly
No remelt of internal solder joints
200
°C
Package Characteristics
Symbol
Parameter
Conditions
Typ.
Max.
Units
Rth(j-c)Q
Junction to Case Thermal
Resistance
(2)
Inverter IGBT part (per IGBT)
-
0.45
°C/W
Rth(j-c)F
Inverter FWD part (per DIODE)
-
0.85
°C/W
L
Package Stray Inductance
P to NU, NV, NW
(3)
24
-
nH
Notes:
1.
Current limited by package terminal, defined by design
2.
Case temperature measured below the package at the chip center, compliant with MIL STD 883-1012.1 (single
chip heating), DBC discoloration allowed, please refer to application note AN-9190 (Impact of DBC Oxidation on
SPM
® Module Performance)
3.
Stray inductance per phase measured per IEC 60747-15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com