Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAM65V05DF1 Datasheet(PDF) 10 Page - ON Semiconductor

Part # FAM65V05DF1
Description  Automotive 3-Phase IGBT Smart Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAM65V05DF1 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FAM65V05DF1 Datasheet HTML 6Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 7Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 8Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 9Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 10Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 11Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 12Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 13Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
© 2016 Semiconductor Component Industries, LLC
www.onsemi.com
FAM65V05DF1 Rev. 1.0
www.fairchildsemi.com
9
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
Operating Conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameters
Conditions
Min
Typ
Max
Unit
VPN
Supply Voltage
Applied between P - NU, NV, NW
-
450
500
V
VCC
Control Supply Voltage
Applied between VCC(H), VCC(L) -
COM
13.5
15
16.5
V
VBS
High-side Bias Voltage
Applied between VB(U) - VS(U),
VB(V) - VS(V), VB(W) - VS(W)
13.3
15
18.5
V
dVCC/dt,
dVBS/dt
Control supply variation
-1
-
1
V/µs
tdead
Blanking Time for Preventing Arm-
short
For Each Input Signal
1.0
-
-
µs
fPWM
PWM Input Signal
TC= 125°C
-
-
20
kHz
VSEN
Voltage for Current Sensing
Applied between NU, NV, NW
–
COM
(Including
surge
voltage)
-4
-
4
V
TJ
Junction temperature
-40
-
150
°C
Mechanical Characteristics and Ratings
Parameter
Conditions
Conditions
Limits
Units
Min.
Typ.
Max.
Mounting Torque
Mounting Screw: - M3
Recommended 0.62σ•m
0.51
0.62
0.80
σ•m
Device Flatness
+150
μm
Weight
15
g
Figure 8. Flatness Measurement Position



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com