Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAM65V05DF1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FAM65V05DF1
Description  Automotive 3-Phase IGBT Smart Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAM65V05DF1 Datasheet(HTML) 3 Page - ON Semiconductor

  FAM65V05DF1 Datasheet HTML 1Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 2Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 3Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 4Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 5Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 6Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 7Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 8Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
© 2016 Semiconductor Component Industries, LLC
www.onsemi.com
FAM65V05DF1 Rev. 1.0
www.fairchildsemi.com
2
Pin Configuration
Figure 2. Pin configuration
Pin Description
Pin Number
Pin
Pin Function Description
1
VCC(L)
Low-side Common Bias Voltage for IC and IGBTs Driving
2
COM
Common Supply Ground
3
IN (UL)
Signal Input for Low-side U Phase
4
IN (VL)
Signal Input for Low-side V Phase
5
IN (WL)
Signal Input for Low-side W Phase
6
VFO
Fault Output
7
VTS
Output for LVIC temperature sense
8
CSC
Capacitor (Low-pass Filter) for Short-Current Detection Input
9
IN (UH)
Signal Input for High-side U Phase
10
VCC(H)
High-side Common Bias Voltage for IC and IGBTs Driving
11
VB(U)
High-side Bias Voltage for U Phase IGBT Driving
12
VS(U)
High-side Bias Voltage Ground for U Phase IGBT Driving
13
IN(VH)
Signal Input for High-side V Phase
14
VCC(H)
High-side Common Bias Voltage for IC and IGBTs Driving
15
VB(V)
High-side Bias Voltage for V Phase IGBT Driving
16
VS(V)
High-side Bias Voltage Ground for V Phase IGBT Driving
17
IN(WH)
Signal Input for High-side W Phase
18
VCC(H)
High-side Common Bias Voltage for IC and IGBTs Driving
19
VB(W)
High-side Bias Voltage for W Phase IGBT Driving
20
VS(W)
High-side Bias Voltage Ground for W Phase IGBT Driving
21
NU
Negative DC
–Link Input for U Phase
22
NV
Negative DC
–Link Input for V Phase
23
NW
Negative DC
–Link Input for W Phase
24
U
Output for U Phase
25
V
Output for V Phase
26
W
Output for W Phase
27
P
Positive DC
–Link Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com