Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAM65V05DF1 Datasheet(PDF) 11 Page - ON Semiconductor

Part # FAM65V05DF1
Description  Automotive 3-Phase IGBT Smart Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAM65V05DF1 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button FAM65V05DF1 Datasheet HTML 7Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 8Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 9Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 10Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 11Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 12Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 13Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 14Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
© 2016 Semiconductor Component Industries, LLC
www.onsemi.com
FAM65V05DF1 Rev. 1.0
www.fairchildsemi.com
10
Typical Inverter Characteristics
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
VCE [V]
TJ=25 C
TJ=125 C
TJ=150 C
Figure 9. Output characteristics IGBT inverter (typical)
VCC = VBS = 15 V, VIN=5 V
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
VCE [V]
TJ=25 C
TJ=125 C
TJ=150 C
Figure 10. Forward characteristics DIODE inverter
(typical)
VIN=0 V
0.00
2.00
4.00
6.00
8.00
10.00
12.00
14.00
16.00
18.00
0
20
40
60
80
100
Collector Current IC (A)
EON, VPN=450V
EOFF, VPN=450V
EON, VPN=300V
EOFF, VPN=300V
Figure 11. Switching losses IGBT inverter High-Side
(typical) versus collector current
VCC = VBS = 15 V
VIN = 0 V
↔ 5 V, Ls=55 nH, Inductive Load, TJ=125°C
0.00
2.00
4.00
6.00
8.00
10.00
12.00
14.00
16.00
18.00
0
20
40
60
80
100
Collector Current IC (A)
EON, VPN=450V
EOFF, VPN=450V
EON, VPN=300V
EOFF, VPN=300V
Figure 12. Switching losses IGBT inverter Low-Side
(typical) versus collector current
VCC = VBS = 15 V
VIN = 0 V
↔ 5 V, Ls=55 nH, Inductive Load, TJ=125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com