Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAM65V05DF1 Datasheet(PDF) 8 Page - ON Semiconductor

Part # FAM65V05DF1
Description  Automotive 3-Phase IGBT Smart Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAM65V05DF1 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FAM65V05DF1 Datasheet HTML 4Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 5Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 6Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 7Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 8Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 9Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 10Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 11Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
© 2016 Semiconductor Component Industries, LLC
www.onsemi.com
FAM65V05DF1 Rev. 1.0
www.fairchildsemi.com
7
Control Part (TJ = -40°C to 150°C, unless otherwise specified, typical values specified at TJ=125°C)
Symbol
Parameters
Conditions
Min
Typ
Max
Unit
IQCCL
Quiescent VCC Supply
Current
VCC = 15 V,
IN(UL, VL, WL) = 0 V
VCC(L)
– COM
-
-
5
mA
IQCCH
VCC = 15 V,
IN(UH, VH, WH) = 0 V
VCC(H)
– COM
-
-
150
μA
IPCCH
Operating VCC Supply
Current
VCC(UH, VH, WH) = 15 V
fPWM = 20 kHz
Duty=50%, applied to
one PWM signal input
for high-side
VCC(UH)
– COM
VCC(VH)
– COM
VCC(WH)
– COM
-
-
0.30
mA
IQCCL
VCC(UH, VH, WH) = 15 V
fPWM = 20 kHz
Duty=50%, applied to
one PWM signal input
for low-side
VCC(L)
– COM
-
-
8.5
mA
IQBS
Quiescent VBS Supply
Current
VBS = 15 V,
IN(UH, VH, WH) = 0V
VB(U) - VS(U)
VB(V) -VS(V
VB(W) - VS(W)
-
-
150
μA
IPBS
Operating VBS Supply
Current
VCC=VBC=15 V
IN(UH, VH, WH) = 0 V
VB(U) - VS(U)
VB(V) -VS(V
VB(W) - VS(W)
-
-
4.5
mA
VFOH
Fault Output Voltage
VSC = 0 V, VFO Circuit: 4.7
kΩ to 5 V Pull-
up
4.5
-
-
V
VFOL
VSC = 1 V, VFO Circuit: 4.7
kΩ to 5 V Pull-
up
-
-
0.5
V
VSC(ref)
Short-Circuit Trip Level
VCC = 15 V
(7)
CSC-COM
0.45
0.52
0.59
V
UVCCD
Supply Circuit Under-
Voltage Protection
Detection Level, TJ= 125°C
10.6
-
13.2
V
UVCCR
Reset Level, TJ= 125°C
11.0
-
13.8
V
UVBSD
Detection Level, TJ= 125°C
10.5
-
13
V
UVBSR
Reset Level, TJ= 125°C
10.8
-
13.3
V
tFOD
Fault-out Pulse Width
-
60
-
μs
VTS
LVIC Temperature Sensing
Voltage Output
VCC(L) = 15 V, TLVIC
=125˚C (8)
-
2.4
-
V
VIN(ON)
ON Threshold Voltage
Applied between IN(UH), IN(VH), IN(WH),
IN(UL), IN(VL), IN(WL)
– COM
-
2.6
3.1
V
VIN(OFF)
OFF Threshold Voltage
0.9
1.2
-
V
Notes:
7.
Short-circuit current protection is functional only for low side
8.
TLVIC is the junction temperature of the LVIC itself



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com